Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3513
Description  1.4MHz, 1A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3513 Datasheet HTML 1Page - AXElite technology co. ltd AX3513 Datasheet HTML 2Page - AXElite technology co. ltd AX3513 Datasheet HTML 3Page - AXElite technology co. ltd AX3513 Datasheet HTML 4Page - AXElite technology co. ltd AX3513 Datasheet HTML 5Page - AXElite technology co. ltd AX3513 Datasheet HTML 6Page - AXElite technology co. ltd AX3513 Datasheet HTML 7Page - AXElite technology co. ltd AX3513 Datasheet HTML 8Page - AXElite technology co. ltd AX3513 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.30, 2019
AX3513
1.4MHz, 1A Synchronous Step-Down
Converter
GENERAL DESCRIPTION
AX3513 is a high efficiency monolithic synchronous buck regulator using a constant
frequency, current mode architecture. The device is available in an adjustable version.
Supply current with no load is 250uA and drops to <1uA in shutdown. The 2.5V to 5.5V input
voltage range makes AX3513 ideally suited for single Li-Ion, two to three AA
battery-powered applications. 100% duty cycle provides low dropout operation, extending
battery life in portable systems. PWM operation provides very low output ripple voltage for
noise sensitive applications. Switching frequency is internally set at 1.4MHz, allowing the
use of small surface mount inductors and capacitors. The internal synchronous switch
increases efficiency and decreases need of an external schottky diode. Low output voltages
are easily supported with the 0.6V feedback reference voltage. AX3513 is available in small
TSOT-23-5L and TDFN-6L packages.
FEATURES
- 2.5V to 5.5V Input Voltage Range
- Output Voltage from 0.6V to VIN
- High Efficiency: Up to 96%
- 1.4MHz Constant Frequency Operation
- Up to 1A Output Current
- Quiescent Current: 250uA (Typical)
- No Schottky Diode Required
- Current Mode Operation for Excellent Line and Load Transient Response
- Current limit, Enable function
- Short Circuit Protect (SCP)
- Build in soft start function
- ≤ 1µA Shutdown Current
- TSOT-23-5L and TDFN-6L Pb-Free packages
- RoHS and Halogen free compliance.


Similar Part No. - AX3513

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3515 AXELITE-AX3515 Datasheet
837Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515A AXELITE-AX3515A Datasheet
743Kb / 13P
Dual High Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515AJ10A AXELITE-AX3515AJ10A Datasheet
743Kb / 13P
Dual High Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515J12A AXELITE-AX3515J12A Datasheet
837Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3518 AXELITE-AX3518 Datasheet
824Kb / 14P
1MHz, 3.2A Synchronous Step-Down Converter
Rev.1.3 Nov.26, 2019
More results

Similar Description - AX3513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973 MAXIM-MAX1973 Datasheet
331Kb / 15P
Smallest 1A, 1.4MHz Step-Down Regulators
Rev 0; 7/02
logo
ACE Technology Co., LTD...
ACE721B ACE-ACE721B Datasheet
740Kb / 8P
1.3A 1.4MHz Synchronous Step-Down Converter
VER 1.2
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
1A, 16V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
1.4MHz, 1.5A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
MT2482 ETC1-MT2482 Datasheet
711Kb / 11P
1.4MHz, 18V竊?A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com