Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3513
Description  1.4MHz, 1A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3513 Datasheet HTML 1Page - AXElite technology co. ltd AX3513 Datasheet HTML 2Page - AXElite technology co. ltd AX3513 Datasheet HTML 3Page - AXElite technology co. ltd AX3513 Datasheet HTML 4Page - AXElite technology co. ltd AX3513 Datasheet HTML 5Page - AXElite technology co. ltd AX3513 Datasheet HTML 6Page - AXElite technology co. ltd AX3513 Datasheet HTML 7Page - AXElite technology co. ltd AX3513 Datasheet HTML 8Page - AXElite technology co. ltd AX3513 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.30, 2019
AX3513
ELECTRICAL CHARACTERISTICS
(VIN = VEN=3.6V, TA =25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Input Voltage Range
VIN
2.5
-
5.5
V
Feedback Voltage
VFB
TA = +25°C
0.588 0.600 0.612
V
-40°C≤TA≤ 85°C
0.582 0.600 0.618
Feedback Bias Current
IFB
VFB=0.65V
-
-
±30
nA
Quiescent Current
ICCQ
VFB=1V
-
250
350
uA
Shutdown Supply Current
ISD
VEN =0V
-
0.1
1
uA
Switching Current Limit
ILIMIT
1.2
1.4
-
A
Line Regulation
△
VOUT/VOUT VIN = 2.5V to 5.5V
-
0.04
0.4
%/V
Load Regulation
△
VOUT/VOUT IOUT = 0.01 to 1A
-
0.5
-
%
Oscillation Frequency
FOSC
SW pin
1.1
1.4
1.7
MHz
R
DS(ON) of P-CH MOSFET
RDSON
VFB = 0V,
IOUT = 0.5A
-
0.3
0.4
Ω
R
DS(ON) of N-CH MOSFET
RDSON
(Note 1)
-
0.25
0.35
Ω
EN pin logic input threshold
voltage
VENL
-
-
0.4
V
VENH
1.5
-
-
EN Pin Input Current
IEN
-
±0.1
±1
uA
Efficiency
EFFI
VIN=5V, VOUT=3.3V,
IOUT=0.5A
-
94
-
%
Thermal shutdown
TDS
-
140
-
°C
Thermal
shutdown Hysteresis
TSH
-
30
-
°C
Note 1: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com