Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3513
Description  1.4MHz, 1A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3513 Datasheet HTML 1Page - AXElite technology co. ltd AX3513 Datasheet HTML 2Page - AXElite technology co. ltd AX3513 Datasheet HTML 3Page - AXElite technology co. ltd AX3513 Datasheet HTML 4Page - AXElite technology co. ltd AX3513 Datasheet HTML 5Page - AXElite technology co. ltd AX3513 Datasheet HTML 6Page - AXElite technology co. ltd AX3513 Datasheet HTML 7Page - AXElite technology co. ltd AX3513 Datasheet HTML 8Page - AXElite technology co. ltd AX3513 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.30, 2019
AX3513
BLOCK DIAGRAM
FB
EN
VIN
SW
GND
Over-Temperature and
Short-Circuit Protection
REF
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
Izero
COMP
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
PIN ASSIGNMENT
The packages of AX3513 are TSOT-23-5L and TDFN-6L; the pin assignment is given by:
(Top View)
EN
GND
SW
VIN
FB
1
2
3
4
5
TSOT-23-5L
Name
Description
EN
Enable pin
H:normal operation
L:Shutdown
GND
Ground Pin
SW
Switch output pin. Connect
external inductor here. Minimize
trace area at this pin to reduce
EMI.
VIN
Power Supply Input Pin
FB
Output Feedback pin
NC
No Connect.
TDFN-6L (2*2)
VIN
FB
SW
1
2
3
4
5
6
EN
GND
NC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com