Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513 Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX3513
Description  1.4MHz, 1A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513 Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX3513 Datasheet HTML 7Page - AXElite technology co. ltd AX3513 Datasheet HTML 8Page - AXElite technology co. ltd AX3513 Datasheet HTML 9Page - AXElite technology co. ltd AX3513 Datasheet HTML 10Page - AXElite technology co. ltd AX3513 Datasheet HTML 11Page - AXElite technology co. ltd AX3513 Datasheet HTML 12Page - AXElite technology co. ltd AX3513 Datasheet HTML 13Page - AXElite technology co. ltd AX3513 Datasheet HTML 14Page - AXElite technology co. ltd AX3513 Datasheet HTML 15Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.30, 2019
AX3513
(2) TDFN-6L (2*2 0.75mm)
E
D
A
A3
D2
e
E2
(Top View)
(Bottom
View)
b
Pin 1
L
SEATING PLANE
(SIDE View)
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0
0.02
0.05
0
0.001
0.002
A3
0.203 REF.
0.008 REF.
b
0.20
0.28
0.35
0.009
0.011
0.013
D
1.95
2.00
2.05
0.077
0.079
0.081
D2
1.20
1.35
1.45
0.047
0.053
0.057
E
1.95
2.00
2.05
0.077
0.079
0.081
E2
0.50
0.70
0.90
0.020
0.028
0.035
e
0.65 BSC.
0.026 BSC.
L
0.20
0.30
0.40
0.008
0.012
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com