Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3513
Description  1.4MHz, 1A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3513 Datasheet HTML 1Page - AXElite technology co. ltd AX3513 Datasheet HTML 2Page - AXElite technology co. ltd AX3513 Datasheet HTML 3Page - AXElite technology co. ltd AX3513 Datasheet HTML 4Page - AXElite technology co. ltd AX3513 Datasheet HTML 5Page - AXElite technology co. ltd AX3513 Datasheet HTML 6Page - AXElite technology co. ltd AX3513 Datasheet HTML 7Page - AXElite technology co. ltd AX3513 Datasheet HTML 8Page - AXElite technology co. ltd AX3513 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.30, 2019
AX3513
APPLICATION CIRCUIT
VOUT = 0.6 * (1+R1/R2)
R2
300K
C1
4.7u
C2
10u
VOUT=1.8V
R2=100K~330K
L1
2.2uH
R1
600K
U1
AX3513
VIN
EN
GND
SW
FB
C3
15p
VIN=2.5V~5.5V
FUNCTION DESCRIPTIONS
Operation
AX3513 is a monolithic switching mode step-down DC-DC converter. It utilizes internal
MOSFETs to achieve high efficiency and can generate very low output voltage by using
internal reference at 0.6V. It operates at a fixed switching frequency, and uses the slope
compensated current mode architecture. This step-down DC-DC Converter supplies
minimum 1000mA output current at input voltage range from 2.5V to 5.5V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and
cycle-by-cycle current limit for excellent load and line transient responses and protection of
the internal main switch (P-Ch MOSFET) and synchronous rectifier (N-CH MOSFET). During
normal operation, the internal P-Ch MOSFET is turned on for a certain time to ramp the
inductor current at each rising edge of the internal oscillator, and switched off when the peak
inductor current is above the error voltage. The current comparator, ICOMP, limits the peak
inductor current. When the main switch is off, the synchronous rectifier will be turned on
immediately and stay on until either the inductor current starts to reverse, as indicated by the
current reversal comparator, IZERO, or the beginning of the next clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com