Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3513
Description  1.4MHz, 1A Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3513 Datasheet HTML 1Page - AXElite technology co. ltd AX3513 Datasheet HTML 2Page - AXElite technology co. ltd AX3513 Datasheet HTML 3Page - AXElite technology co. ltd AX3513 Datasheet HTML 4Page - AXElite technology co. ltd AX3513 Datasheet HTML 5Page - AXElite technology co. ltd AX3513 Datasheet HTML 6Page - AXElite technology co. ltd AX3513 Datasheet HTML 7Page - AXElite technology co. ltd AX3513 Datasheet HTML 8Page - AXElite technology co. ltd AX3513 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.30, 2019
AX3513
ORDER/MARKING INFORMATION
Order Information
Package Type
AX3513
Packing
A : Taping
X X X
BT: TSOT-23-5L
Z6: TDFN-6L (2*2)
Top Marking (TSOT-23-5L)
Top Marking (TDFN-6L)
G
WW: 01~26(A~Z)
27~52(a~z)
ID code: internal
6 Y W X
AX3513
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
G
WW: 01~26(A~Z)
27~52(a~z)
ID code: internal
7
Y W X
AX3513Z6
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
VSS - 0.3 to GND+6.5
V
Feedback Pin Voltage
VFB
VSS - 0.3 to VIN+0.3
V
EN Pin Voltage
VEN
VSS - 0.3 to VIN+0.3
V
Switch Pin Voltage
VSW
VSS - 0.3 to VIN+0.3
V
Peak SW Sink and Source Current
IPSW
1.4
A
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-40 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
+125
°C
Thermal Resistance from Junction to
case
TDFN-6L
θJC
25
°C/W
TSOT-23
110
Thermal Resistance from Junction to
ambient
TDFN-6L
θJA
120
°C/W
TSOT-23
250
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to GND pin or
exposed pad (AX3513Z6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com