Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702 Datasheet(PDF) 15 Page - AXElite technology co. ltd

Part # AX3702
Description  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702 Datasheet(HTML) 15 Page - AXElite technology co. ltd

Back Button AX3702 Datasheet HTML 11Page - AXElite technology co. ltd AX3702 Datasheet HTML 12Page - AXElite technology co. ltd AX3702 Datasheet HTML 13Page - AXElite technology co. ltd AX3702 Datasheet HTML 14Page - AXElite technology co. ltd AX3702 Datasheet HTML 15Page - AXElite technology co. ltd AX3702 Datasheet HTML 16Page - AXElite technology co. ltd AX3702 Datasheet HTML 17Page - AXElite technology co. ltd AX3702 Datasheet HTML 18Page - AXElite technology co. ltd AX3702 Datasheet HTML 19Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
AX3702
PACKAGE OUTLINES
(1) TDFN-10L (3*3mm2)
E
D
A
A1
A3
D2
e
E2
L
(Top View)
(Bottom View)
b
Pin1
SEATING PLANE
(SIDE View)
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.7
0.75
0.8
0.028
0.03
0.031
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20 REF.
0.008 REF.
b
0.18
0.25
0.3
0.007
0.01
0.012
D
2.9
3
3.1
0.114
0.118
0.122
D2
2.2
2.4
2.5
0.087
0.094
0.098
E
2.9
3
3.1
0.114
0.118
0.122
E2
1.5
1.6
1.7
0.059
0.063
0.07
e
0.50 BSC.
0.020 BSC.
L
0.3
0.4
0.5
0.012
0.016
0.02
15/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com