Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3771 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3771
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3771 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3771 Datasheet HTML 1Page - AXElite technology co. ltd AX3771 Datasheet HTML 2Page - AXElite technology co. ltd AX3771 Datasheet HTML 3Page - AXElite technology co. ltd AX3771 Datasheet HTML 4Page - AXElite technology co. ltd AX3771 Datasheet HTML 5Page - AXElite technology co. ltd AX3771 Datasheet HTML 6Page - AXElite technology co. ltd AX3771 Datasheet HTML 7Page - AXElite technology co. ltd AX3771 Datasheet HTML 8Page - AXElite technology co. ltd AX3771 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.04, 2019
AX3771
BLOCK DIAGRAM
FB1
EN1
VIN1
LX1
GND1
Over-Temperature and
Short-Circuit Protection
FB
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
FB2
EN2
VIN2
LX2
GND2
Over-Temperature and
Short-Circuit Protection
FB
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com