Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3771 Datasheet (PDF) - AXElite technology co. ltd

AX3771 Datasheet PDF - AXElite technology co. ltd
Part # AX3771
Download  AX3771 Download
File Size   910.79 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Dual High-Efficiency PWM Step-Down DC-DC Converter

AX3771 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3771 Datasheet PDF - AXElite technology co. ltd

Part # AX3771
Download  AX3771 Click to download

File Size   910.79 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Dual High-Efficiency PWM Step-Down DC-DC Converter

AX3771 Datasheet (HTML) - AXElite technology co. ltd


AX3771 Product details

 GENERAL DESCRIPTION
The AX3771 is a dual high-efficiency Pulse-Skipping-Modulated (PSM) step-down DC-DC converter. It is capable of delivering 1A output current over a wide input voltage range from 2.5V to 7.5V, the AX3771 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources within the range such as cellular phones, PDAs and other handheld devices.
Two operational modes are available: PSM/Low-Dropout auto-switch and shutdown modes. Internal synchronous rectifier with low RDS(ON) dramatically reduces conduction loss at PSM mode. No external Schottky diode is required in practical application.
The AX3771 enters Low-Dropout mode when normal PSM cannot provide regulated output voltage by continuously turning on the upper PMOS. The AX3771 enter shutdown mode and consumes less than 0.1μA when EN pin is pulled low.
The switching ripple is easily smoothed-out by small package filtering elements due to a fixed operation frequency of 1.4MHz. This along with small TDFN-12L (3x3) package provides small PCB area application. Other features include soft start, lower internal reference voltage with 2% accuracy, over temperature protection, and over current protection.

 FEATURES
- 2.5V to 7.5V Input Voltage Range
- Adjustable Output Voltage from 0.6V to VIN
- 1.4MHz Constant Frequency Operation
- 1.2A Output Current/per channel
- High Efficiency : up to 95%
- No Schottky Diode Required
- 100% Duty Cycle in Dropout
- Current Mode Operation for Excellent Line and Load Transient Response
- Current limit, Enable function
- Short Circuit Protect (SCP)
- Small 12-Lead TDFN Package
- RoHS and Halogen free compliance.




Similar Part No. - AX3771

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3701 AXELITE-AX3701 Datasheet
1Mb / 17P
1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.6 Sep.30, 2021
AX3701AB AXELITE-AX3701AB Datasheet
1Mb / 17P
1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.6 Sep.30, 2021
AX3701ABA AXELITE-AX3701ABA Datasheet
1Mb / 17P
1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.6 Sep.30, 2021
AX3701AZ6 AXELITE-AX3701AZ6 Datasheet
1Mb / 17P
1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.6 Sep.30, 2021
AX3701AZ6A AXELITE-AX3701AZ6A Datasheet
1Mb / 17P
1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.6 Sep.30, 2021
More results


Similar Description - AX3771

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev 2
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com