Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3701AB Datasheet (PDF) - AXElite technology co. ltd

AX3701AB Datasheet PDF - AXElite technology co. ltd
Part # AX3701AB
Download  AX3701AB Download
File Size   1797.91 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter

AX3701AB Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3701AB Datasheet PDF - AXElite technology co. ltd

Part # AX3701AB
Download  AX3701AB Click to download

File Size   1797.91 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter

AX3701AB Datasheet (HTML) - AXElite technology co. ltd


AX3701AB Product details

GENERAL DESCRIPTION
AX3701 is a high efficiency monolithic synchronous buck regulator using a constant on-time (COT) architecture. The device is available in an adjustable version. Supply current with no load is about 30uA and drops to <1uA in shutdown. The 2.5V to 6.0V input voltage range makes AX3701 ideally suited for single Li-Ion, two to four AA battery-powered applications. 100% duty cycle provides low dropout operation, extending battery life in portable systems. The constant on-time control scheme simplifies loop compensation and offers excellent load transient response. The high gain error amplifier in the control loop provides excellent load and line regulation. Proprietary adaptive on-time helps AX3701 to achieve nearly constant switching frequency across load range. AX3701 has cycle-by-cycle current limit and hiccup mode to protect over-load or short circuit fault conditions. Switching frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and capacitors. The internal synchronous switch increases efficiency and decreases need of an external Schottky diode. Low output voltages are easily supported with the 0.6V feedback reference voltage. AX3701 is available in small SOT-23-5L, TDFN-6L (2*2) packages.

FEATURES
- 2.5V to 6.0V Input Voltage Range
- Output Voltage from 0.6V to VIN
- High Efficiency: Up to 92%
- 1.5MHz Switching Frequency Operation
- 1.2A Output Current
- Quiescent Current: 30uA (input < 4.2V)
- No Schottky Diode Required
- 100% Duty Cycle in Dropout
- 0.6V Reference Allows Low Output Voltages
- Internal 1msec Soft-Start
- Proprietary Fast Transient Constant On Time Architecture Stable with low ESR Ceramic Output Capacitors
- Cycle-by cycle Current limit Protection
- Hiccup Mode for Short Circuit and Over-Load Protect
- ≤ 1μA Shutdown Current
- SOT-23-5L, TDFN-6L (2*2)
- RoHS and Halogen free compliance.




Similar Part No. - AX3701AB

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3702 AXELITE-AX3702 Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702AB AXELITE-AX3702AB Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702ABA AXELITE-AX3702ABA Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702AC AXELITE-AX3702AC Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702ACA AXELITE-AX3702ACA Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
More results


Similar Description - AX3701AB

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5259A AME-AME5259A Datasheet
360Kb / 21P
1.2A, 1.5MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com