Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3902 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3902
Description  18V 2A 500kHz Synchronous Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3902 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3902 Datasheet HTML 5Page - AXElite technology co. ltd AX3902 Datasheet HTML 6Page - AXElite technology co. ltd AX3902 Datasheet HTML 7Page - AXElite technology co. ltd AX3902 Datasheet HTML 8Page - AXElite technology co. ltd AX3902 Datasheet HTML 9Page - AXElite technology co. ltd AX3902 Datasheet HTML 10Page - AXElite technology co. ltd AX3902 Datasheet HTML 11Page - AXElite technology co. ltd AX3902 Datasheet HTML 12Page - AXElite technology co. ltd AX3902 Datasheet HTML 13Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AX3902
11/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.2 Nov.04, 2019
TYPICAL CHARACTERISTICS
AX3902, CIN=22μF, COUT=44μF, L=6.8μH for VOUT=5V; L=4.7μH for VOUT 3.3V; L=2.2μH for
VOUT=1.2V, TA =+25℃
EN OFF
EN OFF
EN OFF
EN ON
EN ON
EN ON
Short Circuit Protection
Short Circuit Protection
Short Circuit Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com