Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3902 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3902
Description  18V 2A 500kHz Synchronous Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3902 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3902 Datasheet HTML 1Page - AXElite technology co. ltd AX3902 Datasheet HTML 2Page - AXElite technology co. ltd AX3902 Datasheet HTML 3Page - AXElite technology co. ltd AX3902 Datasheet HTML 4Page - AXElite technology co. ltd AX3902 Datasheet HTML 5Page - AXElite technology co. ltd AX3902 Datasheet HTML 6Page - AXElite technology co. ltd AX3902 Datasheet HTML 7Page - AXElite technology co. ltd AX3902 Datasheet HTML 8Page - AXElite technology co. ltd AX3902 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AX3902
2/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.2 Nov.04, 2019
BLOCK DIAGRAM
Oscillator
Slope/
SAW
FB
Bandgap
Error
Amplifier
PWM
Comparator
PWM
PSM
Logic
DHI
BST/
Urive
DLI
HG
LG
Current Sense
Amplifer
VIN
BS
SW
GND
M1
M2
MSENSE
IZERO
Clamp
PIN ASSIGNMENT
The packages of AX3902 are SOT-23-6L; the pin assignment is given by:
ORDER/MARKING INFORMATION
Order Information
Top Marking
Packing
A : Taping
X X
C: SOT-23-6L Blank: Tube
Package Type
AX3902
d
WW: 01~26(A~Z)
27~52(a~z)
ID code: internal
AX3902
Z Y W X
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
(Top View)
SOT-23-6L
3
6
4
1
SW
FB
GND
BS
5
VIN
EN
2
Name
Description
GND
Ground
This is the reference of the ground connection for all
components in the power supply.
SW
Power Switch Output
This is the output of a power MOSFET switch.
VIN
Power Supply
The input voltage for the power supply is connected to this pin.
FB
Voltage Feedback
This is the input to an error amplifier, which drives the PWM
controller. It is necessary to connect this pin to the actual
output of power supply to set the DC output voltage.
EN
Enable (floating of this pin not recommended)
This input provides an electrical ON/OFF control of the power
supply.
BS
High Side Gate Drive Boost Input
It is required to connect SW and BST by a capacitor, which is
able to boost the gate drive to the internal NMOS above VIN
to fully turn it ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com