Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3902C Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3902C
Description  18V 2A 500kHz Synchronous Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3902C Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3902C Datasheet HTML 1Page - AXElite technology co. ltd AX3902C Datasheet HTML 2Page - AXElite technology co. ltd AX3902C Datasheet HTML 3Page - AXElite technology co. ltd AX3902C Datasheet HTML 4Page - AXElite technology co. ltd AX3902C Datasheet HTML 5Page - AXElite technology co. ltd AX3902C Datasheet HTML 6Page - AXElite technology co. ltd AX3902C Datasheet HTML 7Page - AXElite technology co. ltd AX3902C Datasheet HTML 8Page - AXElite technology co. ltd AX3902C Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AX3902
1/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.2 Nov.04, 2019
18V 2A 500kHz Synchronous Step-Down
DC/DC Converter
GENERAL DESCRIPTION
The AX3902 is a high efficiency, 2A current mode synchronous step-down DC/DC converter with a
wide input voltage range from 4.5V to 18V. The device integrates high side and low side MOSFETs to
achieve high efficiency conversion.
The current mode architecture supports fast transient response and internal compensation. The
AX3902provides complete fault protection including input under-voltage lockout output short circuit
protection, over current protection, and thermal shutdown. The switching frequency is internally set at
500kHz. AX3902 have different operation modes:
AX3902 is automatic PSM/PWM mode
To improve the light load efficiency, AX3902 has proprietary light load power saving mode (PSM) to
minimize the switching loss by reducing the switching frequency.
The AX3902 is available in the SOT-23-6L package.
FEATURES
-
Input Voltage Supply Range from 4.5V to 18V
-
+/- 2% 0.8V Feedback Voltage Accuracy
-
Adjustable Output Voltage from 0.8V to 12V
-
500kHz Constant Frequency Operation
-
Built-in 120mΩ/80mΩ Power Switch
-
Continuous Output Current up to 2A
-
High Efficiency up to 95%
-
Internal Soft-Start
-
Current Mode Operation
-
Input Under Voltage Lockout (UVLO)
-
Over-temperature Protection
-
Over-current Protection
-
Over-Load and Short Circuit Protection
-
Thermal Shutdown Protection
-
Available in a Small SOT-23-6L Package
-
RoHS and Halogen Free compliance
Applications
-
Wireless and DSL Card
-
Portable/Handheld Device
-
STB, TV, Sound Bar, MP3 Player
-
Microprocessor and DSP Core Supply


Similar Part No. - AX3902C

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3901 AXELITE-AX3901 Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901C AXELITE-AX3901C Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901CA AXELITE-AX3901CA Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901Z6 AXELITE-AX3901Z6 Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901Z6A AXELITE-AX3901Z6A Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
More results

Similar Description - AX3902C

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com