Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3901 Datasheet (PDF) - AXElite technology co. ltd

AX3901 Datasheet PDF - AXElite technology co. ltd
Part # AX3901
Download  AX3901 Download
File Size   1076.04 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter

AX3901 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3901 Datasheet PDF - AXElite technology co. ltd

Part # AX3901
Download  AX3901 Click to download

File Size   1076.04 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter

AX3901 Datasheet (HTML) - AXElite technology co. ltd


AX3901 Product details

 GENERAL DESCRIPTION
The AX3901 is a high efficiency synchronous step-down DC/DC converter series with 2A continuous output current supplied.
A built-in Under Voltage Lockout (UVLO) circuit is provided to prevent start-up until the input voltage reaches to 4.5V. In addition, it features over-current protection and thermal shutdown. To improve the light load efficiency, it is designed as the power saving mode (PSM) to minimize the switching loss by reducing the switching frequency.
The AX3901 is available in SOT-23-6L and TDFN 6L Packages.

 FEATURES
- Input Voltage Supply Range from 4.5V to 18V
- Power Saving Mode (PSM) during the light Load Operation1.2MHz Constant Frequency Operation
- High Efficiency up to 95%
- Adjustable Output Voltage from 0.6V to 12V
- 2 A Continuous Output Current
- 500kHz Constant Frequency Operation
- Current Mode Operation
- Over-temperature Protection
- Over current Protection
- Input Under Voltage Lockout (UVLO)
- 10µA Shutdo wn Current
- RoHS Compliant (100% Green Available)
- RoHS and Halogen free compliance

Applications
- Datacom. DSL CPE Graphics Cards
- Set-Top-Box, DVD
- Servers/Networking
- DSP and FPGA Power Supply
- Telecomm Equipment
- DC-DC Regulator Modules
- LCD Monitor and LCD TV




Similar Part No. - AX3901

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3902 AXELITE-AX3902 Datasheet
1Mb / 13P
18V 2A 500kHz Synchronous Step-Down DC/DC Converter
Rev.1.2 Nov.04, 2019
AX3902C AXELITE-AX3902C Datasheet
1Mb / 13P
18V 2A 500kHz Synchronous Step-Down DC/DC Converter
Rev.1.2 Nov.04, 2019
AX3902CA AXELITE-AX3902CA Datasheet
1Mb / 13P
18V 2A 500kHz Synchronous Step-Down DC/DC Converter
Rev.1.2 Nov.04, 2019
More results


Similar Description - AX3901

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
2A, 18V Synchronous Rectified Step-Down Converter
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com