Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP541 Datasheet(PDF) 1 Page - Solid State Inc

Part # SP541
Description  Reed relay replacement
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SP541 Datasheet(HTML) 1 Page - Solid State Inc

  SP541 Datasheet HTML 1Page - Solid State Inc SP541 Datasheet HTML 2Page - Solid State Inc SP541 Datasheet HTML 3Page - Solid State Inc SP541 Datasheet HTML 4Page - Solid State Inc SP541 Datasheet HTML 5Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SP541
1 Form A
Solid State Relay
The SP541 is a single-pole, single-throw, normally open multipurpose DC solid-state relay. It is designed to replace electromechanical
relays in critical applications that require fast switching, a high load current rating and solid state reliability. The relay consists of an
AlGaAs LED optically coupled to a Photo Diode Array, which drives an enhancement type DMOS transistor on the output.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
High Load Current (1.5A MAX)
•
Low input control power consumption (2.5mA TYP)
•
Low On-resistance (1 ohm MAX)
•
High input-to-output isolation
•
Long life/high reliability
•
Reed relay replacement
•
Meter reading systems
•
Medical equipment
•
Battery monitoring
•
Multiplexers
•
High Output Isolation
• -H
Tape and Reel
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
120
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
W
1.2
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
CSA CERTIFICATE #LR 111581-1
•
UL FILE #E90096
•
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
SP541
rev 1.40 (10/25/2004)


Similar Part No. - SP541

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SP541 SSOUSA-SP541 Datasheet
167Kb / 5P
1 Form A Solid State Relay
SP541-X SSOUSA-SP541-X Datasheet
125Kb / 4P
1 Form A Solid State Relay
logo
Solid State Inc
SP541-X SOLIDSTATE-SP541-X Datasheet
171Kb / 5P
High Load Current (1.5A MAX)
More results

Similar Description - SP541

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
REED RELAY
D1B050000 COSMO-D1B050000 Datasheet
148Kb / 1P
REED RELAY
D1B240000 COSMO-D1B240000 Datasheet
149Kb / 1P
REED RELAY
D2A121000 COSMO-D2A121000 Datasheet
148Kb / 1P
REED RELAY
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
Reed Relay
logo
Meder Electronic
3205172111 MEDER-3205172111 Datasheet
116Kb / 3P
Reed Relay
3205200021 MEDER-3205200021 Datasheet
115Kb / 3P
Reed Relay
3212001051 MEDER-3212001051 Datasheet
118Kb / 3P
Reed Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com