Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP541-X Datasheet (PDF) - Solid State Inc

SP541-X Datasheet PDF - Solid State Inc
Part # SP541-X
Download  SP541-X Download
File Size   171.95 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Load Current (1.5A MAX)

SP541-X Datasheet (PDF)

Go To PDF Page Download Datasheet
SP541-X Datasheet PDF - Solid State Inc

Part # SP541-X
Download  SP541-X Click to download

File Size   171.95 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Load Current (1.5A MAX)

SP541-X Datasheet (HTML) - Solid State Inc


SP541-X Product details

APPLICATIONS
• Multiplexers
• Meter reading systems
• Data Acquisition
• Medical equipment
• Battery monitoring
• Home/Safety security systems

FEATURES
• High Load Current (1.5A MAX)
• Low input control power consumption (2.5mA TYP)
• Low On-resistance (1 ohm MAX)
• High input-to-output isolation
• Long life/high reliability




Similar Part No. - SP541-X

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SP541-X SSOUSA-SP541-X Datasheet
125Kb / 4P
1 Form A Solid State Relay
More results


Similar Description - SP541-X

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403 MICROCHIP-TC4403 Datasheet
505Kb / 14P
1.5A High-Speed, Floating Load Driver
2002
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
Solid State Optronic
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
High Continuous Load Current (2.5A MAX)
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF_15 Datasheet
218Kb / 5P
High load current capacity
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
High Load Current (0.5A MAX Continuous)
SMA4124 SSOUSA-SMA4124 Datasheet
223Kb / 6P
High Load Current (1A MAX Continuous)
logo
Weidmuller
2525150000 WEIDMULLER-2525150000 Datasheet
312Kb / 3P
Primary current: 32 A, Secondary current max.: 1A, Load: 0.2 VA
logo
TiMOTION Technology Co....
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com