Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4403 Datasheet (PDF) - Microchip Technology

TC4403 Datasheet PDF - Microchip Technology
Part # TC4403
Download  TC4403 Download
File Size   505.23 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A High-Speed, Floating Load Driver

TC4403 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4403 Datasheet PDF - Microchip Technology

Part # TC4403
Download  TC4403 Click to download

File Size   505.23 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.5A High-Speed, Floating Load Driver

TC4403 Datasheet (HTML) - Microchip Technology


TC4403 Product details

GENERAL DESCRIPTION
The TC4403 is a modified version of the TC4425 driver, intended to drive floating or isolated loads requiring high current pulses. The load is intended to be connected be tween the outputs without other reference to supply or ground. Then, only when both logic inputs and the VDD input are energized, is power supplied to the load. This construction allows the implementation of a wide variety of redundant input controllers.
The low OFF-state output leakage and independence of the two half-circuits permit a wide variety of testing schemes to be utilized to assure functionality. The high peak current capability, short internal delays, and fast output rise and fall times ensure that sufficient power will be available to the load when it is needed. The TTL and CMOS compatible inputs allow operation from a wide variety of input devices. The ability to swing the inputs negative without affecting device performance allows negative biases to be placed on the inputs for greater safety. In addition, the capacitive nature of the inputs allows the use of series resistors on the inputs for extra noise suppression.
The TC4403 is built for outstanding ruggedness and reliability in harsh applications. Input voltage excursions above the supply voltage or below ground are clamped internally without damaging the device. The output stages are power MOSFETs with high-speed body diodes to prevent damage to the driver from inductive kickbacks.

FEATURES
■ Low Quiescent Current ......................... 300µA Max
■ Capacitive Inputs With 300mV Hysteresis
■ Both Inputs Must Be Driven to Drive Load
■ Low Output Leakage
■ High Peak Current Capability
■ Fast Output Rise Time
■ Outputs Individually Testable

APPLICATIONS
■ Isolated Load Drivers
■ Pulsers
■ Safety Interlocks




Similar Part No. - TC4403

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
TC4403CPA TELCOM-TC4403CPA Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403CPA MICROCHIP-TC4403CPA Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
TelCom Semiconductor, I...
TC4403EPA TELCOM-TC4403EPA Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403EPA MICROCHIP-TC4403EPA Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results


Similar Description - TC4403

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
List of Unclassifed Man...
SG1629 ETC1-SG1629 Datasheet
254Kb / 4P
HIGH CURRENT FLOATING SWITCH DRIVER
logo
Microchip Technology
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
Ultra High Speed 1.5A LDO
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
Molex Electronics Ltd.
62202-0222 MOLEX11-62202-0222 Datasheet
36Kb / 1P
Floating High-Speed Docking Header Insertion Tool
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com