Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4403 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4403
Description  1.5A High-Speed, Floating Load Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403 Datasheet(HTML) 4 Page - Microchip Technology

  TC4403 Datasheet HTML 1Page - Microchip Technology TC4403 Datasheet HTML 2Page - Microchip Technology TC4403 Datasheet HTML 3Page - Microchip Technology TC4403 Datasheet HTML 4Page - Microchip Technology TC4403 Datasheet HTML 5Page - Microchip Technology TC4403 Datasheet HTML 6Page - Microchip Technology TC4403 Datasheet HTML 7Page - Microchip Technology TC4403 Datasheet HTML 8Page - Microchip Technology TC4403 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC4403
DS21417B-page 4
 2002 Microchip Technology Inc.
TC4403 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Over operating temperature range with 4.5V
≤ VDD ≤ 18V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
——
V
VIL
Logic 0, Low Input Voltage
——
0.8
V
IIN
Input Current
-10,000
±10
±10,000
nA
-5V
≤ VIN ≤ VDD
Output
VOH
High Output Voltage
VDD – 0.025
——
V
VOL
Low Output Voltage
——
0.025
V
ROS
Sourcing Output Resistance
—
3.7
8
Ω
VIN = 2.4V, IOUT = 10mA, VDD = 18V
ROG
Grounding Output Resistance
—
4.3
8
Ω
VIN = 2.4V, IOUT = -10mA, VDD = 18V
Switching Time (Note 1)
tR
Rise Time
—
28
60
nsec
Figure 3-1, CL = 1800pF
tF
Fall Time
—
32
60
nsec
Figure 3-1, CL = 1800pF
tD1
Delay Time
—
32
100
nsec
Figure 3-1, CL = 1800pF
tD2
Delay Time
—
38
100
nsec
Figure 3-1, CL = 1800pF
Power Supply
IS
Power Supply Current
—
—
2
0.2
3.5
0.3
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com