Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4403 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4403
Description  1.5A High-Speed, Floating Load Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403 Datasheet(HTML) 3 Page - Microchip Technology

  TC4403 Datasheet HTML 1Page - Microchip Technology TC4403 Datasheet HTML 2Page - Microchip Technology TC4403 Datasheet HTML 3Page - Microchip Technology TC4403 Datasheet HTML 4Page - Microchip Technology TC4403 Datasheet HTML 5Page - Microchip Technology TC4403 Datasheet HTML 6Page - Microchip Technology TC4403 Datasheet HTML 7Page - Microchip Technology TC4403 Datasheet HTML 8Page - Microchip Technology TC4403 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002 Microchip Technology Inc.
DS21417B-page 3
TC4403
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage..................................................... +22V
Package Thermal Resistance
CERDIP RθJ-A........................................ 150°C/W
CERDIP RθJ-C ......................................... 50°C/W
PDIP RθJ-A............................................. 125°C/W
PDIP RθJ-C............................................... 42°C/W
Operating Temperature Range
C Version .........................................0°C to +70°C
E Version ..................................... -40°C to +85°C
M Version................................... -55°C to +125°C
Storage Temperature Range ............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC4403 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, with 4.5V ≤ VDD ≤ 18V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
——
V
VIL
Logic 0, Low Input Voltage
——
0.8
V
IIN
Input Current
-1000
±10
±1000
nA
-5V
≤ VIN ≤ VDD
Output
VOH
High Output Voltage
VDD – 0.025
——
V
VOL
Low Output Voltage
——
0.025
V
ROS
Sourcing Output Resistance
—
2.8
5
Ω
IOUT = 10mA, VDD = 18V
ROG
Grounding Output Resistance
—
3.5
5
Ω
IOUT = -10mA, VDD = 18V
IPK
Peak Output Current
—
1.5
—
A
Switching Time (Note 1)
tR
Rise Time
—
23
35
nsec
Figure 3-1, CL = 1800pF
tF
Fall Time
—
25
35
nsec
Figure 3-1, CL = 1800pF
tD1
Delay Time
—
33
75
nsec
Figure 3-1, CL = 1800pF
tD2
Delay Time
—
38
75
nsec
Figure 3-1, CL = 1800pF
Power Supply
IS
Power Supply Current
—
—
1.5
0.15
2.5
0.25
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com