Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4403 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4403
Description  1.5A High-Speed, Floating Load Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403 Datasheet(HTML) 1 Page - Microchip Technology

  TC4403 Datasheet HTML 1Page - Microchip Technology TC4403 Datasheet HTML 2Page - Microchip Technology TC4403 Datasheet HTML 3Page - Microchip Technology TC4403 Datasheet HTML 4Page - Microchip Technology TC4403 Datasheet HTML 5Page - Microchip Technology TC4403 Datasheet HTML 6Page - Microchip Technology TC4403 Datasheet HTML 7Page - Microchip Technology TC4403 Datasheet HTML 8Page - Microchip Technology TC4403 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2002 Microchip Technology Inc.
DS21417B-page 1
M
TC4403
Features
• Low Quiescent Current: 300
µA Max
• Capacitive Inputs With 300mV Hysteresis
• Both Inputs Must Be Driven to Drive Load
• Low Output Leakage
• High Peak Current Capability
• Fast Output Rise Time
• Outputs Individually Testable
Applications
• Isolated Load Drivers
•Pulsers
• Safety Interlocks
Device Selection Table
Package Type
General Description
The TC4403 is a modified version of the TC4425 driver,
intended to drive floating or isolated loads requiring
high-current pulses. The load is intended to be con-
nected between the outputs without other reference to
supply or ground. Then, only when both logic inputs
and the VDD input are energized, is power supplied to
the load. This construction allows the implementation
of a wide variety of redundant input controllers.
The low OFF-state output leakage and independence
of the two half-circuits permit a wide variety of testing
schemes to be utilized to assure functionality. The high
peak current capability, short internal delays, and fast
output rise and fall times ensure that sufficient power
will be available to the load when it is needed. The TTL
and CMOS compatible inputs allow operation from a
wide variety of input devices. The ability to swing the
inputs negative without affecting device performance
allows negative biases to be placed on the inputs for
greater safety. In addition, the capacitive nature of the
inputs allows the use of series resistors on the inputs
for extra noise suppression.
The TC4403 is built for outstanding ruggedness and
reliability in harsh applications. Input voltage excur-
sions above the supply voltage or below ground are
clamped internally without damaging the device. The
output stages are power MOSFETs with high-speed
body diodes to prevent damage to the driver from
inductive kickbacks.
Part Number
Package
Temp. Range
TC4403CPA
8-Pin PDIP
0°C to +70°C
TC4403EPA
8-Pin PDIP
-40°C to +85°C
TC4403MJA
8-Pin CERDIP
-55°C to +125°C
18
27
36
45
TC4403
OUT (GND)
IN (GND)
GND
IN (VDD)
VDD
OUT (VDD)
NC
NC
8-Pin PDIP/CERDIP
1.5A High-Speed, Floating Load Driver


Similar Part No. - TC4403

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
TC4403CPA TELCOM-TC4403CPA Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403CPA MICROCHIP-TC4403CPA Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
TelCom Semiconductor, I...
TC4403EPA TELCOM-TC4403EPA Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403EPA MICROCHIP-TC4403EPA Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results

Similar Description - TC4403

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
List of Unclassifed Man...
SG1629 ETC1-SG1629 Datasheet
254Kb / 4P
HIGH CURRENT FLOATING SWITCH DRIVER
logo
Microchip Technology
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
Ultra High Speed 1.5A LDO
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
Molex Electronics Ltd.
62202-0222 MOLEX11-62202-0222 Datasheet
36Kb / 1P
Floating High-Speed Docking Header Insertion Tool
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com