Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQ201 Datasheet(PDF) 1 Page - Acutechnology Semiconductor

Part # AQ201
Description  3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ201 Datasheet(HTML) 1 Page - Acutechnology Semiconductor

  AQ201 Datasheet HTML 1Page - Acutechnology Semiconductor AQ201 Datasheet HTML 2Page - Acutechnology Semiconductor AQ201 Datasheet HTML 3Page - Acutechnology Semiconductor AQ201 Datasheet HTML 4Page - Acutechnology Semiconductor AQ201 Datasheet HTML 5Page - Acutechnology Semiconductor AQ201 Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.acutechnology.com
AQ201
AQ201
3ºC Accurate with Hysteresis
115ºC Thermostat
SOT23, TO-92, PSOT23-6, SC70 Packages
Product Specification
Revision 1.3
November 08, 2006
Applications
• Electronic System protection
• Fan Control
• Microprocessor Thermal Management
• HVAC Systems
General Description
The AQ201 is a simple three terminal precision low
power thermostat. The temperature trip point of 115ºC
is preset at the factory. The thermal hysteresis is
internally
programmed
to
10ºC.
Contact
sales@acutechnology.com for other trip points.
The AQ201 is used to protect systems from
overheating above the normal rating of components like
capacitors
or
any
other
temperature
sensitive
component.
The output OT is an open drain output that can drain
up to 50mA when the threshold temperature is
reached. The minimum voltage of operation is 2V.
The AQ201 is offered in the thermally enhanced
PSOT23-6 in order to guarantee very low thermal
impedance between the heat source and the chip
itself.
For applications with stringent space requirements
ultra small SC70 package is offered.
For applications where the thermal resistance is not
critical the AQ201 can be used in the more common
packages SOT23-3 or TO92.
Features
• +/-3 degrees Celsius accuracy
• Thermally enhanced SOT23-6 package
• Open-drain output capable of 50mA
• Internally programmed thermal hysteresis
• Low input voltage and current
• Excellent power supply noise rejection
• Offered in ultra small SC70-5 package.
• RoHS compliant
Block Diagram


Similar Part No. - AQ201

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Revision 1.7 November 08, 2006
AQ200GY-C5-12-TRL ACUTECH-AQ200GY-C5-12-TRL Datasheet
454Kb / 6P
C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Revision 1.7 November 08, 2006
AQ200GY-M3-12-TRL ACUTECH-AQ200GY-M3-12-TRL Datasheet
454Kb / 6P
C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Revision 1.7 November 08, 2006
AQ200GY-M7-12-TRL ACUTECH-AQ200GY-M7-12-TRL Datasheet
454Kb / 6P
C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Revision 1.7 November 08, 2006
AQ200GY-N3-12-BUL ACUTECH-AQ200GY-N3-12-BUL Datasheet
454Kb / 6P
C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Revision 1.7 November 08, 2006
More results

Similar Description - AQ201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
logo
Acutechnology Semicondu...
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Revision 1.7 November 08, 2006
AQ297 ACUTECH-AQ297 Datasheet
311Kb / 6P
3쨘C Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
Revision 1.1 October 08, 2006
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
Revision 1.5 November 15, 2005
AQ432 ACUTECH-AQ432 Datasheet
436Kb / 7P
1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
Revision 1.0 May 15, 2007
logo
Texas Instruments
LM4041-N TI-LM4041-N Datasheet
1Mb / 33P
Small Packages: SOT-23, TO-92, and SC70 , No Output Capacitor Required
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
Small Packages: SOT-23, TO-92 and SC70
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
Tiny SC70-5 /SOT23-5 Packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com