Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQ201 Datasheet(PDF) 3 Page - Acutechnology Semiconductor

Part # AQ201
Description  3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ201 Datasheet(HTML) 3 Page - Acutechnology Semiconductor

  AQ201 Datasheet HTML 1Page - Acutechnology Semiconductor AQ201 Datasheet HTML 2Page - Acutechnology Semiconductor AQ201 Datasheet HTML 3Page - Acutechnology Semiconductor AQ201 Datasheet HTML 4Page - Acutechnology Semiconductor AQ201 Datasheet HTML 5Page - Acutechnology Semiconductor AQ201 Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ201
www.acutechnology.com
3
Rev. 1.3 November 08, 2006
Absolute Maximum Ratings
Stress greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These stress ratings only, and functional operation of the device at these or any conditions beyond
those indicated under recommended Operating Conditions is not implied. Exposure to “Absolute Maximum
Rating” for extended periods may affect device reliability. Use of standard ESD handling precautions is
required.
Parameter
Value
Units
VIN Voltage
18
V
VOT Voltage
18
V
IOT Current
80
mA
Operating Junction Temperature
155
ºC
Lead Temperature (soldering 10 seconds)
260
ºC
Storage Temperature Range
-65 to +150
ºC
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range -55ºC <Tj<150ºC unless otherwise
stated. Ambient temperature must be de-rated based upon power dissipation and package thermal
characteristics. Unless otherwise specified: Vin = 5V, Tj =25º C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIN
Input Current
100
150
µA
IIN
Input Current
Tj > trip temperature
1.5
2.0
mA
VIN
Input Voltage
-55ºC <Tj<150ºC
2
16
V
VOT
Output Vdss
IC = 10mA Tj < 155º C
0.15
0.25
V
IOT
Output leakage current
VC = 16V
0.2
0.4
µA
TOT
Over temp accuracy
-3
3
º C
HOT
Hysteresis
10
º C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com