Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40T6 Datasheet(PDF) 67 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 63Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 64Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 65Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 66Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 67Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 68Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 69Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 70Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 293 page
background image
uPSD34xx
Oscillator and external components
67/293
16
Oscillator and external components
The oscillator circuit of uPSD34xx devices is a single stage, inverting amplifier in a Pierce
oscillator configuration. The internal circuitry between pins XTAL1 and XTAL2 is basically an
inverter biased to the transfer point. Either an external quartz crystal or ceramic resonator
can be used as the feedback element to complete the oscillator circuit. Both are operated in
parallel resonance. Ceramic resonators are lower cost, but typically have a wider frequency
tolerance than quartz crystals. Alternatively, an external clock source from an oscillator or
other active device may drive the uPSD34xx oscillator circuit input directly, instead of using
a crystal or resonator.
The minimum frequency of the quartz crystal, ceramic resonator, or external clock source is
3MHz if the USB is used. The minimum is 8MHz if I2C is used. The maximum is 40MHz in all
cases. This frequency is fOSC, which can be divided internally as described in Section 14:
MCU clock generation on page 59.
The pin XTAL1 is the high gain amplifier input, and XTAL2 is the output. To drive the
uPSD34xx device externally from an oscillator or other active device, XTAL1 is driven and
XTAL2 is left open-circuit. This external source should drive a logic low at the voltage level of
0.3 VCC or below, and logic high at 0.7V VCC or above, up to 5.5V VCC. The XTAL1 input is
5V tolerant.
Most of the quartz crystals in the range of 25MHz to 40MHz operate in the third overtone
frequency mode. An external LC tank circuit at the XTAL2 output of the oscillator circuit is
needed to achieve the third overtone frequency, as shown in Figure 15 on page 68. Without
this LC circuit, the crystal will oscillate at a fundamental frequency mode that is about 1/3 of
the desired overtone frequency.
Note:
In Figure 15 on page 68 crystals which are specified to operate in fundamental mode (not
overtone mode) do not need the LC circuit components. Since quartz crystals and ceramic
resonators have their own characteristics based on their manufacturer, it is wise to also
consult the manufacturer’s recommended values for external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com