Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40T6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 83Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 84Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 85Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 86Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 87Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 88Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 89Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 90Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 293 page
background image
uPSD34xx
Standard 8032 timer/counters
87/293
20
Standard 8032 timer/counters
There are three 8032-style 16-bit Timer/Counter registers (Timer 0, Timer 1, Timer 2) that
can be configured to operate as timers or event counters.
There are two additional 16-bit Timer/Counters in the Programmable Counter Array (PCA),
see Section 27.1: PCA block on page 175 for details.
20.1
Standard timer SFRs
Timer 0 and Timer 1 have very similar functions, and they share two SFRs for control:
●
TCON (Table 41 on page 88)
●
TMOD (Table 42 on page 90).
Timer 0 has two SFRs that form the 16-bit counter, or that can hold reload values, or that
can scale the clock depending on the timer/counter mode:
●
TH0 is the high byte, address 8Ch
●
TL0 is the low byte, address 8Ah
Timer 1 has two similar SFRs:
●
TH1 is the high byte, address 8Dh
●
TL1 is the low byte, address 8Bh
Timer 2 has one control SFR:
●
T2CON (Table 43 on page 93)
Timer 2 has two SFRs that form the 16-bit counter, and perform other functions:
●
TH2 is the high byte, address CDh
●
TL2 is the low byte, address CCh
Timer 2 has two SFRs for capture and reload:
●
RCAP2H is the high byte, address CBh
●
RCAP2L is the low byte, address CAh
20.2
Clock sources
When enabled in the “Timer” function, the Registers THx and TLx are incremented every
1/12 of the oscillator frequency (fOSC). This timer clock source is not effected by MCU clock
dividers in the CCON0, stalls from PFQ/BC, or bus transfer cycles. Timers are always
clocked at 1/12 of fOSC.
When enabled in the “Counter” function, the Registers THx and TLx are incremented in
response to a 1-to-0 transition sampled at their corresponding external input pin: pin C0 for
Timer 0; pin C1 for Timer 1; or pin T2 for Timer 2. In this function, the external clock input pin
is sampled by the counter at a rate of 1/12 of fOSC. When a logic '1' is determined in one
sample, and a logic '0' in the next sample period, the count is incremented at the very next
sample period (period1: sample=1, period2: sample=0, period3: increment count while
continuing to sample). This means the maximum count rate is 1/24 of the fOSC. There are no
restrictions on the duty cycle of the external input signal, but to ensure that a given level is
sampled at least once before it changes, it should be active for at least one full sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com