Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 3Page - Texas Instruments TLV914X Datasheet HTML 4Page - Texas Instruments TLV914X Datasheet HTML 5Page - Texas Instruments TLV914X Datasheet HTML 6Page - Texas Instruments TLV914X Datasheet HTML 7Page - Texas Instruments TLV914X Datasheet HTML 8Page - Texas Instruments TLV914X Datasheet HTML 9Page - Texas Instruments TLV914X Datasheet HTML 10Page - Texas Instruments TLV914X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
5.4 Thermal Information for Single Channel
THERMAL METRIC (1)
TLV9141
UNIT
DBV
(SOT-23)
D
(SOIC)
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
196.7
139.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
94.1
77.9
°C/W
RθJB
Junction-to-board thermal resistance
63.3
88.4
°C/W
ψJT
Junction-to-top characterization parameter
30.8
24.2
°C/W
ψJB
Junction-to-board characterization parameter
62.9
87.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Thermal Information for Dual Channel
THERMAL METRIC (1)
TLV9142
UNIT
PW
(TSSOP)
D
(SOIC)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
162.2
129.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
67.1
68.2
°C/W
RθJB
Junction-to-board thermal resistance
101.4
78.5
°C/W
ψJT
Junction-to-top characterization parameter
7.2
17.0
°C/W
ψJB
Junction-to-board characterization parameter
99.8
77.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.6 Thermal Information for Quad Channel
THERMAL METRIC (1)
TLV9144
UNIT
PW
(TSSOP)
D
(SOIC)
N
(PDIP)
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
114.2
90.4
72.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.7
50.6
50.6
°C/W
RθJB
Junction-to-board thermal resistance
70.0
48.5
46.4
°C/W
ψJT
Junction-to-top characterization parameter
2.6
11.6
28.3
°C/W
ψJB
Junction-to-board characterization parameter
69.3
48.0
45.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com