Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV914X Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 4Page - Texas Instruments TLV914X Datasheet HTML 5Page - Texas Instruments TLV914X Datasheet HTML 6Page - Texas Instruments TLV914X Datasheet HTML 7Page - Texas Instruments TLV914X Datasheet HTML 8Page - Texas Instruments TLV914X Datasheet HTML 9Page - Texas Instruments TLV914X Datasheet HTML 10Page - Texas Instruments TLV914X Datasheet HTML 11Page - Texas Instruments TLV914X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
5.7 Electrical Characteristics
For VS = (V+) – (V–) = 2.7V to 18V (±1.35V to ±9V) at TA = 25°C, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT =
VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = V–
±0.265
±1
mV
TA = –40°C to 125°C
±1.5
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±0.2
µV/
℃
PSRR
Input offset voltage
versus power supply
VCM = V–, VS = 5V to 18V
TA = –40°C to 125°C
±0.112
±1
µV/V
139
115
dB
VCM = V–, VS = 2.7V to 18V(1)
TA = –40°C to 125°C
±0.1
±1.8
µV/V
140
114
dB
Channel separation
f = 0Hz
5
µV/V
106
dB
INPUT BIAS CURRENT
IB
Input bias current(1) (2)
±0.5
±10
pA
IOS
Input offset current(1) (2)
±0.5
±10
pA
NOISE
EN
Input voltage noise
f = 0.1Hz to 10Hz
3.4
µVPP
0.5
µVRMS
eN
Input voltage noise
density
f = 1kHz
50
nV/√Hz
iN
Input current noise
f = 1kHz
0.5
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection
ratio
VS = 18V, (V–) – 0.1V < VCM < (V+)
– 2V (Main input pair)
99
108
dB
TA = –40°C to 125°C
99
VS = 5V, (V–) – 0.1V < VCM < (V+) –
2V (Main input pair)
86
94
TA = –40°C to 125°C
85
VS = 2.7V, (V–) – 0.1V < VCM < (V+)
– 2V (Main input pair)(1)
75
85
TA = –40°C to 125°C
74
VS = 2.7V to 18V, (V+) – 1V < VCM <
(V+) + 0.1V (Aux input pair)(1)
95
TA = –40°C to 125°C
72
VS = 18V, (V–) – 0.2V < VCM < (V+)
+ 0.2V (Both input pairs)(1)
80
91
TA = –40°C to 125°C
79
(V+) – 2V < VCM < (V+) – 1V
TA = –40°C to 125°C
See Input Offset Voltage vs
Common-Mode Voltage
INPUT CAPACITANCE
ZID
Differential
500 || 3
GΩ || pF
ZICM
Common-mode
5 || 1
TΩ || pF
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com