Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1008MA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX1008MA
Description  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1008MA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX1008MA Datasheet HTML 1Page - AXElite technology co. ltd AX1008MA Datasheet HTML 2Page - AXElite technology co. ltd AX1008MA Datasheet HTML 3Page - AXElite technology co. ltd AX1008MA Datasheet HTML 4Page - AXElite technology co. ltd AX1008MA Datasheet HTML 5Page - AXElite technology co. ltd AX1008MA Datasheet HTML 6Page - AXElite technology co. ltd AX1008MA Datasheet HTML 7Page - AXElite technology co. ltd AX1008MA Datasheet HTML 8Page - AXElite technology co. ltd AX1008MA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1008
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
VIN
-0.3 to 12
V
Power Dissipation
PD
Internally Limited
Storage Temperature
TST
-65 to +150
°C
Operating Junction Temperature Range
TOPJ
-40 to +125
°C
Maximum junction Temperature
TMJ
150
°C
ELECTRICAL CHARACTERISTICS
(VIN = VEN=3.6V, TA =25°C, unless otherwise specified)
Characteristics
Symbol
Conditions (Notes)
Min. Typ. Max. Units
Reference Voltage
VREF
IOUT=10mA, TJ=25°C,
(VIN- VOUT) =1.5V
1.225 1.250 1.275
V
Output Voltage
(Fixed Version)
VOUT
IOUT=10mA, TJ = 25°C
2.7V≦VIN≦12V
1.175 1.200 1.225
V
IOUT = 10mA, TJ = 25°C,
3V≦VIN≦12V
1.470 1.500 1.530
V
IOUT = 10mA, TJ = 25°C,
3.3V≦VIN≦12V
1.764 1.800 1.836
V
IOUT = 10mA, TJ = 25°C,
4V≦VIN≦12V
2.450 2.500 2.550
V
IOUT = 10mA, TJ = 25°C,
4.8V≦VIN≦12V
3.235 3.300 3.365
V
IOUT = 10mA, TJ = 25°C,
6.5V≦VIN≦12V
4.900 5.000 5.100
V
Line Regulation
IOUT=10mA,
VOUT+1.5V<VIN<12V,
TJ =25°C
-
0.3
0.6
%
Load Regulation
VIN= VOUT+1.5V,
10 mA≦IOUT≦5A,
TJ =25°C (Note 1,2)
-
0.7
1.5
%
Dropout Voltage
Vo
IOUT=5.0A
(
VOUT=1% VOUT)
-
1.3
1.5
V
Current Limit
VIN-VOUT=3V
5.1
-
-
A
Minimum Load Current
-
5
10
mA
Ripple Rejection
F=120Hz,COUT=10μf
AX1008-XXX VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IOUT=10mA
-
0.5
-
%
Thermal shutdown Temp
(Over temperature
protect)
TSD
-
145
-
°C
Thermal Shutdown
Hysteresis
TSH
-
40
-
°C
Thermal Resistance
Junction-to-Ambient
(Note 3)
θJA
TO-252
-
55
-
°C
/W
TO-263
-
45
-
Thermal Resistance
Junction-to-Case
θJC
TO-252
-
10
-
°C
/W
TO-263
-
2.7
-
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation
is measured at the output lead = 1/18” from the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com