Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1008MA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX1008MA
Description  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1008MA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX1008MA Datasheet HTML 2Page - AXElite technology co. ltd AX1008MA Datasheet HTML 3Page - AXElite technology co. ltd AX1008MA Datasheet HTML 4Page - AXElite technology co. ltd AX1008MA Datasheet HTML 5Page - AXElite technology co. ltd AX1008MA Datasheet HTML 6Page - AXElite technology co. ltd AX1008MA Datasheet HTML 7Page - AXElite technology co. ltd AX1008MA Datasheet HTML 8Page - AXElite technology co. ltd AX1008MA Datasheet HTML 9Page - AXElite technology co. ltd AX1008MA Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1008
possible to minimize this effect.
Stability
The AX1008 requires the use of an output capacitor as part of the frequency
compensation in order to make the regulator stable. For most applications a minimum of
100uF aluminum electrolytic capacitor or 10uF MLCC insures stability .
Thermal Design
The AX1008 incorporates an internal thermal shutdown that protects the device when
the junction temperature exceeds the maximum allowable junction temperature. Although
this device can operate with junction temperatures in the range of 150oC, it is recommended
that the selected heat sink be chosen such that during maximum continuous load operation
the junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the VOUT terminal of the device as
possible. It is recommended to use a section of a layer of the PC board as a plane to
connect the VOUT pin to the output capacitors to prevent any high frequency oscillation that
may result due to excessive trace inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com