Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007FSOT89 Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX1007FSOT89
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007FSOT89 Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX1007FSOT89 Datasheet HTML 3Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 4Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 5Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 6Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 7Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 8Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 9Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 10Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 11Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
APPLICATION CIRCUIT
(1) Using Multilayer Ceramic Capacitor (MLCC)
Fixed Output
ADJ Output
VIN=5V
VOUT=3.3V
VIN=5V
VOUT=3.3V
C2
0.2~10uF
C1
0.1~10uF
R1
240
U1
AX1007-ADJ
1
2
3
ADJ
VOUT
VIN
C2
0.2~10uF
R2
390
C1
0.1~10uF
U1
AX1007-33
1
2
3
GND
VOUT
VIN
V
V
R
R
V
V
REF
REF
OUT
250
.
1
);
1
2
1
(
(2) Using Aluminum Electrolytic Capacitor (AL)
Fixed Output
ADJ Output
VIN=5V
VIN=5V
VOUT=3.3V
VOUT=3.3V
R1
240
U1
AX1007-33
1
2
3
GND
VOUT
VIN
U1
AX1007-ADJ
1
2
3
ADJ
VOUT
VIN
C1
0.1~10uF
R2
390
C1
0.1~10uF
C2
0.1uF
C3
3.3~100uF
C2
0.1uF
C3
3.3~100uF
V
V
R
R
V
V
REF
REF
OUT
250
.
1
);
1
2
1
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com