Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007FSOT89 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX1007FSOT89
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007FSOT89 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX1007FSOT89 Datasheet HTML 1Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 2Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 3Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 4Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 5Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 6Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 7Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 8Page - AXElite technology co. ltd AX1007FSOT89 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
1A Low Dropout Linear Regulator
GENERAL DESCRIPTION
AX1007 is a low dropout positive adjustable or fixed-mode regulator with minimum of
1A output current capability. The product is specifically designed to provide well-regulated
supply for low voltage IC applications such as high-speed bus termination and low current
3.3V logic supply. AX1007 is also well suited for other applications such as VGA cards.
AX1007 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to
provide well-regulated outputs of 1.25 to 5.0 with VOUT+1.4V to 12V input supply
VOLTAGE.
FEATURES
- 1.4V maximum dropout at full load current
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Good noise rejection
- MLCC Capacitors are available.
- 3-Terminal Adjustable or Fixed 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
- Packages: SOT223, TO252 and SOT89.
- RoHS and Halogen free compliance
BLOCK DIAGRAM
3
Thermal
Shutdown
1
2 VOUT
Adj
1.25V
+
+
CURRENT
LIMIT
VIN
-
+
-
+
1
GND
(FIXED)


Similar Part No. - AX1007FSOT89

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX100781 BELDEN-AX100781 Datasheet
178Kb / 1P
Velcro Saddle
10-03-2024
logo
List of Unclassifed Man...
AX100798 ETC2-AX100798 Datasheet
291Kb / 6P
BIX Cross-Connect System
More results

Similar Description - AX1007FSOT89

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com