Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007D12A Datasheet(PDF) 14 Page - AXElite technology co. ltd

Part # AX1007D12A
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007D12A Datasheet(HTML) 14 Page - AXElite technology co. ltd

Back Button AX1007D12A Datasheet HTML 9Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 10Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 11Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 12Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 13Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 14Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 15Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 16Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 17Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
(3) SOT89-3L
D1
e1
e
D
b1
b
b
80(2x)
1.7
C
0.4
0.9
50(2x)
Land Pattern Recommendation (Unit: mm)
1.5
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.50
1.60
0.055
0.059
0.063
b
0.36
0.42
0.48
0.014
0.017
0.019
b1
0.44
0.50
0.56
0.017
0.02
0.022
C
0.35
0.40
0.44
0.014
0.016
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.35
1.59
1.83
0.053
0.063
0.072
e
3.0 BSC
0.118 BSC
e1
1.5 BSC
0.059 BSC
E
2.29
2.45
2.60
0.09
0.097
0.102
HE
3.94
4.10
4.25
0.155
0.161
0.167
L
0.80
1.00
1.20
0.031
0.04
0.047
JEDEC outline: TO-243 AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com