Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007D12A Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX1007D12A
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007D12A Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX1007D12A Datasheet HTML 1Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 2Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 3Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 4Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 5Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 6Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 7Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 8Page - AXElite technology co. ltd AX1007D12A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
PIN ASSIGNMENT
The packages of AX1007 are SOT223-3L, TO252-3L and SOT89-3L; the pin assignment is
given by:
VIN
VOUT
Adj (GND)
Tab is Vout
( Top View )
3
2
1
SOT223
ADJ
VOUT
VIN
1
3
2
Tab is VOUT
(GND)
SOT89
TO252
3
2
1
VIN
VOUT
Adj (GND)
Tab is Vout
( Top View )
Name
Description
Adj
(GND)
A resistor divider from this pin to the
VOUT pin and ground sets the output
voltage.
(Ground
only
for
Fixed-Mode)
VOUT
The output of the regulator. (Note1,2)
VIN
The input pin of regulator. Typically a
large storage capacitor is connected
from this pin to ground to insure that
the input voltage does not sag below
the minimum dropout voltage during
the load transient response. This pin
must always be 1.5V higher than
VOUT in order for the device to
regulate properly. (Note1)
Note1: To prevent oscillation, a 0.2uF minimum X7R or X5R dielectric is strongly recommended if ceramics are
used as output capacitors.
Note2:
A minimum of 3.3uF EL capacitor to 100uF (10mΩ ≤ ESR ≤ 1Ω) must be connected from
this pin to ground to insure stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com