Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32P2400VT Datasheet(PDF) 3 Page - AG Electronica

Part # 32P2400VT
Description  KIT DE 2 BARRAS BACKLIGHT TOSHIBA 32
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

32P2400VT Datasheet(HTML) 3 Page - AG Electronica

  32P2400VT Datasheet HTML 1Page - AG Electronica 32P2400VT Datasheet HTML 2Page - AG Electronica 32P2400VT Datasheet HTML 3Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Diagramas de Conexión de la barra TOSHIBA 32
La entrada de alimentación de las barras es por el conector tipo clip
Conexión en Serie
Voltaje total del KIT: 54V
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
KIT DE 2 BARRAS BACKLIGHT TOSHIBA 32
No. Parte: KIT-TOSHIBA-32
Fecha:
28/02/2019
REALIZO: ECAM
REV.
ESCALA:
N/A
TOLERANCIA:
N/A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com