Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN40F5000AF Datasheet(PDF) 2 Page - AG Electronica

Part # UN40F5000AF
Description  KIT DE 7 BARRAS BACKLIGHT SAMSUNG 40 TIPO 7L7R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

UN40F5000AF Datasheet(HTML) 2 Page - AG Electronica

  UN40F5000AF Datasheet HTML 1Page - AG Electronica UN40F5000AF Datasheet HTML 2Page - AG Electronica UN40F5000AF Datasheet HTML 3Page - AG Electronica UN40F5000AF Datasheet HTML 4Page - AG Electronica UN40F5000AF Datasheet HTML 5Page - AG Electronica UN40F5000AF Datasheet HTML 6Page - AG Electronica UN40F5000AF Datasheet HTML 7Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
Especificaciones
Recomendaciones.
IMPORTANTE: Muchos modelos utilizan diferentes conjuntos de barras LED. Por favor
compare las barras de su televisor con las barras de la imagen y los diagramas de este PDF
antes de realizar su compra.
Modelos de TV de 40” compatibles con las barras led.
UA40F5500ARXMN
UE40F6740SSXXN
UE40F6800SDXZT
UE40F6800SSXTK
UE40F6800SSXUZ
UE40F6800SSXXC
UE40F6800SSXXH
UE40F6800SSXXN
UE40F6800SSXZF
UE40F6800SSXZG
UE40F6805SBXXE
UE40F6890SSXZG
UN40F5000AFXZP
UN40F5000AFXZX
UN40F5000AGXPE
UE40F6800SBXXU
UE40F6800SBXXH
UE40F6800ABXUA
UE40F6740SSXZG
UE40F6745SBXXE
UE40F6750SBXXH
UE40F6750SSXXN
UE40F6750SSXZG
UE40F6755SBXXE
UE40F6770SBXXH
Parámetros
Valores
Voltaje LED
3.1 VCD
Voltaje Barra L
24 VCD
Voltaje Barra R
16 VCD
Voltaje Barra L+R
40VCD
Corriente
300mA
Ángulo de apertura
160°
Grosor PCB de Aluminio
1mm
Dimensiones
Barra L(540mm x 12 mm ) ,Barra
R (320mmx12mm ) Largo x
Ancho



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com