Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN40F5000AF Datasheet(PDF) 7 Page - AG Electronica

Part # UN40F5000AF
Description  KIT DE 7 BARRAS BACKLIGHT SAMSUNG 40 TIPO 7L7R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

UN40F5000AF Datasheet(HTML) 7 Page - AG Electronica

  UN40F5000AF Datasheet HTML 1Page - AG Electronica UN40F5000AF Datasheet HTML 2Page - AG Electronica UN40F5000AF Datasheet HTML 3Page - AG Electronica UN40F5000AF Datasheet HTML 4Page - AG Electronica UN40F5000AF Datasheet HTML 5Page - AG Electronica UN40F5000AF Datasheet HTML 6Page - AG Electronica UN40F5000AF Datasheet HTML 7Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
Diagramas de Conexión de la barra SAMSUNG 40
La entrada de alimentación de las barras es por el conector tipo clip
Conexión en Serie
Voltaje total del KIT: 280V
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com
KIT DE 7 BARRAS BACKLIGHT SAMSUNG 40 TIPO 7L+7R
No. Parte: KIT-SAMSUNG-40-LR
Fecha:
28/02/2019
REALIZO: ECAM
REV:
ESCALA:
N/A
TOLERANCIA:
N/A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com