Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS125 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CS125
Description  Visibility and Present Weather Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS125 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CS125 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS125 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2018
Campbell Scientific
October 8, 2020
Operational Specifications
Maximum reported visibility: 75 km (approx. 47 miles)
Minimum reported visibility: 5 metres (16 feet)
Accuracy:
<600 m ±8%
600-10,000 m ±10%
10,000-15,000 m ±15%
15,000-75,000 m ±20%
Resolution: 1 metre
Operating temperature: -25 to +60
°C
Extended operating temperature: -40 to +70
°C option
Operating humidity: 0 . . . 100%
Wind speed: Up to 60 m/s
Sensor sealing: rated to IP66
Mechanical Specifications
Sensor approximate weight: 3 kg (dependent upon
mounting system)
Sensor dimensions (including mount): H540 mm x W640 mm
x D246 mm
Supplied with 5 m long cables as standard. Other lengths are
available
Manufactured from stainless steel and hard-anodised
aluminium powder coated
Mountings: Stainless steel clip on V-bolt mounting to pole
(diameter 32 mm to 52.5 mm)
An optical mounting pole is available to place the sample
volume at 1.5 m as recommended by the WMO
Frangible masts are available to customer requirements to
meet ICAO recommendations (typically placing the sample
volume at 2.5 m)
Shipping weight: 6 kg
Shipping dimensions (mm) 800 x 650 x 240
Electrical Specifications
Electronics supply voltage: 7-30V DC (7-28V DC for CS125
with CS215 attached)
Hood heater supply voltage: 24V DC or AC
Hood heater power: 2 x 30 Watts, total of 60 Watts
Dew heater power: 2 x 0.6 Watt, total of 1.4 Watts
Total unit power: <3W while sampling continuously
(including dew heaters)
Interface Specifications
Serial interface: RS-232 or RS-485
Serial data rates: 1200-115,200 bps (38,400 bps default rate)
Alarm Outputs: 2 x 0-5V outputs, 32 mA (max)
Optical Specifications
Emitter frequency: 850 nm
Lens contamination circuitry monitors both the source
and detector lenses for contamination/blockage at 1 sec
intervals. The sensor can be configured to adjust calibration
for low to moderate window contamination.
Light source stability control ensures stable operation
through variations in temperature and with sensor ageing,
corrected at 1 sec intervals.
We reserve the right to alter specifications without notice
Accessories
Temperature and RH probe type CS215 with RAD10 radiation
shield for CS125
High grade CS120A/CS125 calibration device, wide
temperature range
Power supplies
WMO compliant optical mast
ICAO compliant frangible masts for aviation use
Maintenance cables for serial or USB
Ethernet converters and modems are available
CS125 only
Present and past weather: identifies as standard mist, fog,
drizzle, freezing drizzle, drizzle and snow, rain, freezing rain,
rain and drizzle, rain and snow and snow.
Outputs 56 SYNOP present weather codes according to
WMO code table 4680, associated METAR codes to WMO
code table 4678 and NWS codes.
Accumulation reported range: 0 - 999.9 mm
Accumulation accuracy: ±15%**
Accumulation resolution: 0.1 mm
Intensity reported range*: 0-999.9 mm/hr
Intensity accuracy: ±15%**
Intensity resolution: 0.01 mm/hr
Detection threshold for present weather: 0.02 mm/hr
Reports temperature and RH from optional CS215 T/RH
sensor
Hail detection option available
Optional power supplies with battery back-up available
Connectors in place of flying leads are available to special
order
A low voltage shutdown level can be set to prevent back-up
batteries being damaged
NB: Lower power states can be achieved by less frequent sampling and remote control of heaters.
*The maximum intensity reported is dependent on the mixture of precipitation falling.
*The maximum intensity reported is dependent on the mixture of precipitation falling.
**Against factory calibration standards in the laboratory, for liquid precipitation.
**Against factory calibration standards in the laboratory, for liquid precipitation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com