Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS125 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS125
Description  Visibility and Present Weather Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS125 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS125 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS125 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMPONENT
Visibility and
Present Weather
Sensors
Visibility and weather detection
at an economical price
CS120A/CS125
Visibility and Present Weather Sensors
Benefits and Features
High performance visibility and present weather sensors at an
economical price
Uses established 42° scatter angle for good MOR readings in all
precipitation types
Incorporates both dew and hood heaters for all-weather
operation
The CS125 gives present weather and precipitation
accumulation
Overview
The CS120A and CS125 are infrared forward scatter visibility
and present weather sensors for stand alone use or with
automatic weather stations. They use the well established
forward scatter system for visibility measurement, utilising a 42°
scatter angle which gives accurate estimates of Meteorological
Observable Range (MOR) for fog and snow.1 The CS125 identifies
precipitation particles from their scattering properties and fall
speeds, and combines this with a temperature measurement to
identify the weather type. They have downward pointing optics
that reduce the risk of contamination of the optics and blockage
with snow.2 This also means that direct sunlight will never shine
directly into the optics. Interference to the sample volume from
the sensor by flow distortion or heat is minimised by keeping it
clear of the hood and electronics box.
The CS125 also provides reliable present weather information
including information on the intensity of precipitation.
Accumulation can also be reported.
Both sensors use continuous high speed sampling to reduce
errors during mixed weather events and events that return
intermittent signals such as rain and hail, while still providing
reliable readings during more stable events such as fog and mist.
They have high immunity to interference from the visible and
infra-red warning lights used to mark obstructions such as wind
turbines or obstacles near runways.
The sensors can be set to a lower sampling frequency to save
power, if required.
They incorporate low power dew prevention heaters and higher
power anti-icing heaters for the hoods as standard. These are
automatically controlled to ensure operation in all weathers or
can be disabled to save power.
Both continuously monitor their own status and will report faults
and contamination of the sensor lenses. They also have two user
configurable alarm outputs.
A CS215 temperature and relative humidity sensor can be
fitted to the CS125. This gives better performance in identifying
precipitation and allows relative humidity information to be
transmitted.
The CS120A and CS125 comply with ICAO, UK, FAA and CAA
guidance and meets or exceeds all recommendations and
specifications (this includes ICAO 9837, ICAO Annex 3, CAP437,
CAP670 and CAP746).
Certified by Deutscher Wetterdienst as suitable for use to control
wind turbine obstruction light systems as specified by 506/04,
General Administrative Rules for the Identification of Aircraft
Obstructions.
www.campbellsci.eu/cs125
More info: +44(0) 1509 828 888
Applications
Road weather
Airport visibility and Runway Visual Range
Marine weather stations
Automatic weather stations
Wind farms
Solar farms
1
U.S. Department of Transportation, FAA 1997 ref. DOT/FAA/AND-97/1
2
ICA09328 8.2.6 b)
RS-232/RS-485 and logic level alarm outputs
Simple field calibration with optional calibration disk including
dirty window zero offset correction
Low power - suitable for remote applications
Automatic fault/contamination detection
Sample volume clear of disturbance from the mounting and
the electronics enclosure


Similar Part No. - CS125

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS125 CAMPBELL-CS125 Datasheet
762Kb / 3P
Present Weather and Visibility Sensor
11/28/2023
CS125 CAMPBELL-CS125 Datasheet
610Kb / 2P
Visibility, Background Luminance, and Present Weather Monitoring
01/28/2025
logo
IXYS Corporation
CS1250 IXYS-CS1250 Datasheet
27Kb / 2P
Phase Control Thyristor
CS1250-12IO1 IXYS-CS1250-12IO1 Datasheet
27Kb / 2P
Phase Control Thyristor
CS1250-14IO1 IXYS-CS1250-14IO1 Datasheet
27Kb / 2P
Phase Control Thyristor
More results

Similar Description - CS125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-2040-GRX ETC2-450-2040-GRX Datasheet
97Kb / 2P
High Visibility Color Knobs
450-3031 ETC2-450-3031 Datasheet
124Kb / 1P
High Visibility Color Knobs
450-3180-GRX ETC2-450-3180-GRX Datasheet
75Kb / 1P
High Visibility Color Knobs
logo
Laird Tech Smart Techno...
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
logo
BELIMO AIRCONTROLS (USA...
ZS-EPIV-EV BELIMO-ZS-EPIV-EV Datasheet
147Kb / 1P
ePIV and Energy Valve Weather Shield
logo
Maxim Integrated Produc...
MAX8804ZEVKIT MAXIM-MAX8804ZEVKIT Datasheet
136Kb / 7P
Power-Present and Charger-Status Outputs
Rev 0; 4/08
logo
Skyworks Solutions Inc.
SI4707-B20 SKYWORKS-SI4707-B20 Datasheet
373Kb / 28P
WEATHER BAND AND SAME DATA RECEIVER
Revision 0.1 to Revision 0.8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com