Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2004S Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX2004S
Description  High Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2004S Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX2004S Datasheet HTML 1Page - AXElite technology co. ltd AX2004S Datasheet HTML 2Page - AXElite technology co. ltd AX2004S Datasheet HTML 3Page - AXElite technology co. ltd AX2004S Datasheet HTML 4Page - AXElite technology co. ltd AX2004S Datasheet HTML 5Page - AXElite technology co. ltd AX2004S Datasheet HTML 6Page - AXElite technology co. ltd AX2004S Datasheet HTML 7Page - AXElite technology co. ltd AX2004S Datasheet HTML 8Page - AXElite technology co. ltd AX2004S Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.23, 2019
AX2004
High Current LED Driver
GENERAL DESCRIPTION
AX2004 is a low dropout current regulator for high current LED Driver. The output
current was decided by external resistor. Build-in thermal shutdown and current limit
protection function.
FEATURES
-
Input Voltage: 4V to 24V
-
Up to 1A Maximum Output Current.
-
3% Output current setting accuracy.
-
External resistor to set LED Current.
-
Built-in thermal shutdown
-
Available in SOT89-5L and SOP-8L Pb-Free Packages
-
RoHS and Halogen free compliance
PIN ASSIGNMENT
SOT89-5L
(Top View)
3
2
1
5
4
SET
GND COMP/SD
VCC
PVCC
AX2004
( Top View )
1
2
3
4
8
7
6
5
COMP/SD
VCC
SOP–8L
SET
PVCC
GND
GND
GND
GND
Name
Description
GND
Ground
SET
LED current setting input.
Connect a resistor from SET
to GND to set LED current.
PVCC
The LEDs are connected from
this pin to VCC.
VCC
Input Supply Voltage
COMP/SD Compensation pin and
shutdown function.


Similar Part No. - AX2004S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX200421 ETC2-AX200421 Datasheet
1Mb / 35P
Belden IBDN FiberExpress Systems
More results

Similar Description - AX2004S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
High Current LED Driver
June, 2006 ??Rev. 6
logo
Silicon Touch Technolog...
DD311 SITI-DD311 Datasheet
416Kb / 15P
HIGH CONSTANT CURRENT LED DRIVER
DD311 SITI-DD311_1 Datasheet
352Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
logo
ams AG
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
1600mA High Current LED Flash Driver
logo
ON Semiconductor
NSVD4001DR2G ONSEMI-NSVD4001DR2G Datasheet
147Kb / 8P
High Current LED Driver
November, 2011 ??Rev. 7
logo
Marl International Limi...
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
logo
Global Mixed-mode Techn...
G5991 GMT-G5991 Datasheet
99Kb / 1P
High Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com