Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2004S Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX2004S
Description  High Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2004S Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX2004S Datasheet HTML 1Page - AXElite technology co. ltd AX2004S Datasheet HTML 2Page - AXElite technology co. ltd AX2004S Datasheet HTML 3Page - AXElite technology co. ltd AX2004S Datasheet HTML 4Page - AXElite technology co. ltd AX2004S Datasheet HTML 5Page - AXElite technology co. ltd AX2004S Datasheet HTML 6Page - AXElite technology co. ltd AX2004S Datasheet HTML 7Page - AXElite technology co. ltd AX2004S Datasheet HTML 8Page - AXElite technology co. ltd AX2004S Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.23, 2019
AX2004
ORDER/MARKING INFORMATION
Order Information
Package Type
F5: SOT89-5L
AX2004 X X X
Packing
Blank : Tube
A : Taping
S: SOP-8L
Top Marking (SOT89-5L)
Top Marking (SOP-8L)
2
Part number
ID code: internal
WW: 01~26 (A~Z)
27~52 (a~z)
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
WX
0 0 4
Y
:
Z=2044
Y
AX 2
Logo
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Y
0 0 4
W WX
:
45=2045
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
VCC Output Voltage
VCC
-0.3 to 26
V
PVCC Voltage
PVCC
-0.3 to 24
V
SET pin Voltage
VSET
-0.3 to VCC
V
COMP pin Voltage
VCOMP
-0.3 to 6
V
Max output current
ILED
1.5
A
Operating Junction Temperature Range
TOP
-40 to +125
°C
Maximum junction Temperature
TJ
150
°C
Power Dissipation
SOP8
PD
1.4
W
SOT89
1.05
Storage Temperature
TST
-65 to +150
°C
Thermal Resistance from
Junction to case
SOP-8L
θJC
25
°C/W
SOT89-5L
50
Thermal
Resistance
from
Junction to ambient
SOP-8L
θJA
70
°C/W
SOT89-5L
80
Note: θJA is measured with the PCB copper area(need connect to GND pins) of approximately 1.0 in2 (Multi-layer)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com