Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6608 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX6608
Description  300mA High PSRR, Low Noise LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6608 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX6608 Datasheet HTML 1Page - AXElite technology co. ltd AX6608 Datasheet HTML 2Page - AXElite technology co. ltd AX6608 Datasheet HTML 3Page - AXElite technology co. ltd AX6608 Datasheet HTML 4Page - AXElite technology co. ltd AX6608 Datasheet HTML 5Page - AXElite technology co. ltd AX6608 Datasheet HTML 6Page - AXElite technology co. ltd AX6608 Datasheet HTML 7Page - AXElite technology co. ltd AX6608 Datasheet HTML 8Page - AXElite technology co. ltd AX6608 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.4 Nov.11, 2019
AX6608
PIN ASSIGNMENT
The packages of AX6608 are SOT-23-5L, TDFN-6L and MSOP-8L; the pin assignment is
given by:
(Top View)
SOT-23-5L
3
2
5
4
1
VIN
GND
EN
BP
VOUT
TDFN-6L (2*2)
EN
VOUT
NC
1
2
3
4
5
6
BP
GND
VIN
(TOP VIEW)
GND
( Top View )
1
2
3
4
8
7
6
5
BP
NC
NC
EN
VOUT
GND
VIN
NC
MSOP - 8L
Name
Description
VIN
Voltage input. The input capacitor in
the range of 1uF to 10uF is
sufficient.
GND Ground
EN
Enable pin (Active High)
BP
Reference Noise Bypass
(The Bypass capacitor ≧1nF
VOUT
Output Voltage, The AX6608 is
stable with an output capacitor 1uF
for greate .
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com