Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6608 Datasheet (PDF) - AXElite technology co. ltd

AX6608 Datasheet PDF - AXElite technology co. ltd
Part # AX6608
Download  AX6608 Download
File Size   847.04 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA High PSRR, Low Noise LDO Regulator

AX6608 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6608 Datasheet PDF - AXElite technology co. ltd

Part # AX6608
Download  AX6608 Click to download

File Size   847.04 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA High PSRR, Low Noise LDO Regulator

AX6608 Datasheet (HTML) - AXElite technology co. ltd


AX6608 Product details

 GENERAL DESCRIPTION
The AX6608 is a low dropout, high PSRR, low noise linear regulator with very low quiescent. It can supply 300mA output current with low dropout about 250mV. The Device includes pass element, error amplifier, band-gap, current-limit and thermal shutdown circuitry. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 30μA. In the shutdown mode, the maximum supply current is less than 1uA. Due to internal flexible design, result in extensively fixed output voltage versions is 1.0V to 3.3V per 0.1V steps. Built-in current-limit and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range : 2.8V~5.5V
- Dropout voltage is 250mV at 300mA output current
- Guaranteed 300mA output current
- Low quiescent current is 30μA (typ.)
- Maximum supply current in shutdown mode <1uA
- Fixed Output voltage is 1.0V to 3.3V by 0.1V steps.
- High PSRR=73dB@1KHz
- Fast transient response
- Current limit and thermal shutdown protection
- Available in the 5-Pin Pb-Free SOT-23, TDFN-6L and MSOP-8L Packages
- RoHS and Halogen free compliance.




Similar Part No. - AX6608

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results


Similar Description - AX6608

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com