Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6613 Datasheet(PDF) 10 Page - AXElite technology co. ltd

Part # AX6613
Description  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613 Datasheet(HTML) 10 Page - AXElite technology co. ltd

Back Button AX6613 Datasheet HTML 6Page - AXElite technology co. ltd AX6613 Datasheet HTML 7Page - AXElite technology co. ltd AX6613 Datasheet HTML 8Page - AXElite technology co. ltd AX6613 Datasheet HTML 9Page - AXElite technology co. ltd AX6613 Datasheet HTML 10Page - AXElite technology co. ltd AX6613 Datasheet HTML 11Page - AXElite technology co. ltd AX6613 Datasheet HTML 12Page - AXElite technology co. ltd AX6613 Datasheet HTML 13Page - AXElite technology co. ltd AX6613 Datasheet HTML 14Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
TYPICAL CHARACTERISTICS (CONTINUOUS)
���
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
-40℃ -20℃ 0℃
25℃ 50℃ 85℃ 105℃ 125℃
Temperature (℃)
Temperature VS Feedback Voltage
VIN=1.5V
VCNTL=5V
VOUT=1.2V
Load=10mA
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-40℃ -20℃
0℃
25℃ 50℃ 85℃ 105℃ 125℃
Temperature (℃)
Temperature VS VCNTL UVLO
Rising
Falling
Power –ON
(VIN=1.5V, VCNTL=5V,VOUT=1.2V,Laod=1A)
Load Transient
(VIN=1.5V,VCNTL=5V,VOUT=1.2V,Laod=10m~1A)
Enable –ON
(VIN=1.5V, VCNTL=5V,VOUT=1.2V,Laod=1A)
Enable –OFF
(VIN=1.5V, VCNTL=5V,VOUT=1.2V,No Laod)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com