Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6613 Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX6613
Description  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613 Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX6613 Datasheet HTML 8Page - AXElite technology co. ltd AX6613 Datasheet HTML 9Page - AXElite technology co. ltd AX6613 Datasheet HTML 10Page - AXElite technology co. ltd AX6613 Datasheet HTML 11Page - AXElite technology co. ltd AX6613 Datasheet HTML 12Page - AXElite technology co. ltd AX6613 Datasheet HTML 13Page - AXElite technology co. ltd AX6613 Datasheet HTML 14Page - AXElite technology co. ltd AX6613 Datasheet HTML 15Page - AXElite technology co. ltd AX6613 Datasheet HTML 16Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
(3) TDFN-8L (2*2 0.75mm)
1 E2
L
1 E
PIN 1 INDENT
C
A1
y
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
C
0.19
0.20
0.25
0.007
0.008
0.010
D
1.90
2.00
2.10
0.075
0.079
0.082
D2
1.55
1.60
1.65
0.061
0.063
0.065
E
1.90
2.00
2.10
0.075
0.079
0.082
E2
0.85
0.90
0.95
0.033
0.035
0.037
e
-
0.50
-
-
0.020
-
L
0.30
0.35
0.40
0.012
0.014
0.016
y
0.00
-
0.075
0
-
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com