Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR8083 Datasheet(PDF) 1 Page - Solid State Inc

Part # STR8083
Description  High Blocking Voltage (800V)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

STR8083 Datasheet(HTML) 1 Page - Solid State Inc

  STR8083 Datasheet HTML 1Page - Solid State Inc STR8083 Datasheet HTML 2Page - Solid State Inc STR8083 Datasheet HTML 3Page - Solid State Inc STR8083 Datasheet HTML 4Page - Solid State Inc STR8083 Datasheet HTML 5Page - Solid State Inc STR8083 Datasheet HTML 6Page - Solid State Inc STR8083 Datasheet HTML 7Page - Solid State Inc STR8083 Datasheet HTML 8Page - Solid State Inc STR8083 Datasheet HTML 9Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STR8083
Random Phase
800V / 1.2A
AC Solid State Relay
Description
The STR8083 is a bi-directional, single-pole, single-throw,
normally open multipurpose relay. The device consists of
an IR LED optically coupled to a random phase switching
AC output structure. It has a high blocking voltage (800V)
and can handle continuous load currents of up to 1.2ARMS.
The STR8083 assures no false triggering under adverse
conditions.
The STR8083 comes standard in a compact 8 pin DIP
package.
The package construction makes it ideal for
high-density board applications.
Schematic Diagram
Agency Approvals
•
UL
•
C-UL
Applications
•
Valve Control
•
Meter Reading Systems
•
Heating Elements
•
Home Appliances
•
Solenoid / Motor Control
•
Dimmer Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions
in
excess
of
those
defined
in
electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current ………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
STR8083
8 pin DIP, (50/Tube)
STR8083-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
STR8083-S
8 pin SMD, (50/Tube)
STR8083-HS
5kVRMS, 8 pin SMD, (50/Tube)
STR8083-STR
8 pin SMD, Tape and Reel (1000/Reel)
STR8083-HSTR
5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
•
High Blocking Voltage (800V)
•
1.2ARMS Continuous Load Current
•
Random Phase Switching
•
Low Control Current (<10mA)
•
High Isolation Voltage (up to 5kVRMS)
•
Long Life / High Reliability
•
RoHS / Pb-Free / REACH Compliant
4
2
3
1
5
6
8
Do Not
Connect
+ LED
- LED
Do Not
Connect
MT2
MT1
Gate
STR8083
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
STR8083 H/S/TR
Rev 2.20 (09/26/2014)
002170
Page 1 of 9


Similar Part No. - STR8083

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STR8083 SSOUSA-STR8083 Datasheet
407Kb / 9P
AC Solid State Relay
More results

Similar Description - STR8083

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
High Blocking Voltage (600V)
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
High Blocking Voltage (600V)
S942 SSOUSA-S942 Datasheet
248Kb / 7P
High Blocking Voltage (800V MIN)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
High Blocking Voltage (600V)
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
High Blocking Voltage
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
High Blocking Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com