Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682R20 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST72682R20
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682R20 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST72682R20 Datasheet HTML 11Page - STMicroelectronics ST72682R20 Datasheet HTML 12Page - STMicroelectronics ST72682R20 Datasheet HTML 13Page - STMicroelectronics ST72682R20 Datasheet HTML 14Page - STMicroelectronics ST72682R20 Datasheet HTML 15Page - STMicroelectronics ST72682R20 Datasheet HTML 16Page - STMicroelectronics ST72682R20 Datasheet HTML 17Page - STMicroelectronics ST72682R20 Datasheet HTML 18Page - STMicroelectronics ST72682R20 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ST72682
NAND Flash memory interface
15/36
4.3
Wear levelling
During normal application life, the NAND memory is written and erased (at block level) many
times. The NAND device is guaranteed for a limited number of write operations (about 100
000 cycles). As a consequence, the controller must keep write/erase operations to a
minimum for any individual block.
A method to limit these cycles is to use a “Wear Levelling” scheme between all NAND
memory blocks.
LUT usage
The LUT is used for transfers between a logical address range and a block. It contains free
blocks which are used in the “wear levelling” scheme.
During write command treatment, the firmware calculates the zones, blocks and pages for
data write access. In a block write operation, the firmware applies the following scheme to
avoid block wearing:
●
The least recently-used block is chosen from the free block part of the LUT.
●
Valid data from the old block is copied to the new block.
●
New data from the write command is written to the new block.
●
The old block is erased.
●
The LUT is updated after identifying the new block in the used block part and the old
block in the free block part.
Using this scheme, a logical address range doesn’t correspond to a constant block. A write
command repeated several times to the same logical address writes physically into different
blocks.
This method shares the wearing evenly across all blocks of the concerned zone.
4.4
NAND Flash interface configuration
Applications based on ST72682 can be configured through a dedicated PC software tool.
The NAND memory RE and WE signals frequencies can be independently configured to
30 MHz, 20 MHz, 15 MHz, 12 MHz and 10 MHz.
The logical size reduction factor can be configured to 90% or 50% in the event of having too
many bad blocks. this option resizes the used blocks part of the LUT to 900 or 500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com