Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682R20 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST72682R20
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682R20 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST72682R20 Datasheet HTML 24Page - STMicroelectronics ST72682R20 Datasheet HTML 25Page - STMicroelectronics ST72682R20 Datasheet HTML 26Page - STMicroelectronics ST72682R20 Datasheet HTML 27Page - STMicroelectronics ST72682R20 Datasheet HTML 28Page - STMicroelectronics ST72682R20 Datasheet HTML 29Page - STMicroelectronics ST72682R20 Datasheet HTML 30Page - STMicroelectronics ST72682R20 Datasheet HTML 31Page - STMicroelectronics ST72682R20 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Electrical characteristics
ST72682
28/36
Figure 13.
Typical VOL at VDD33=3.3 V (I/O D8) Figure 14. Typical VDD33-VOH vs. VDD33 (I/O D2)
VOL I/ Os D 8 at VD D =3 .3 V
0
50
100
150
05
10
IOL ( mA )
V DD- V O H I/ Os D 2 a t V DD=3.3 V
0
50
100
150
200
024
IO H ( m A )
Figure 15.
Typical VDD33-VOH vs. VDD33 (I/O D4) Figure 16. Typical VDD33-VOH vs. VDD33 (I/O D8)
VD D - VO H I/ Os D 4 at VD D =3.3V
0
50
100
150
02
4
6
IO H ( mA )
V DD- V O H I/ Os D 8 a t V DD=3.3 V
0
50
100
150
200
05
10
IO H ( m A )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com