Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6805 Datasheet(PDF) 7 Page - Digital Core Design

Part # DF6805
Description  8-bit FAST Microcontrollers Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6805 Datasheet(HTML) 7 Page - Digital Core Design

  DF6805 Datasheet HTML 1Page - Digital Core Design DF6805 Datasheet HTML 2Page - Digital Core Design DF6805 Datasheet HTML 3Page - Digital Core Design DF6805 Datasheet HTML 4Page - Digital Core Design DF6805 Datasheet HTML 5Page - Digital Core Design DF6805 Datasheet HTML 6Page - Digital Core Design DF6805 Datasheet HTML 7Page - Digital Core Design DF6805 Datasheet HTML 8Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PERFORMANCE
The following table gives a survey about
the Core area and performance in the
ALTERA® devices after Place & Route:
Device
Speed
grade
Logic Cells
Fmax
CYCLONE
-6
1689
79 MHz
STRATIX
-5
1690
83 MHz
MERCURY
-5
1671
85 MHz
APEX II
-7
1850
63 MHz
APEX20KC
-7
1698
55 MHz
APEX20KE
-1
1698
47 MHz
ACEX1K
-1
1739
41 MHz
FLEX10KE
-1
1739
41 MHz
Core performance in ALTERA® devices
Area utilized by the each unit of DF6805 core
in vendor specific technologies is summarized
in table below.
Component
Area
[LC]
[FFs]
CPU*
1134
153
Main Timer
110
55
COM/CAP
150
60
Watchdog
29
14
UART - SCI
272
124
I/O Ports
161
64
Total area
1856
470
*CPU – consisted of ALU, Control Unit and Instruction Decoder, Bus
Controller with support for 64KB RAM, External IRQ pin Interrupt Con-
troller
Core components area utilization
IMPROVEMENT
For user the most important is application
speed improvement. The most commonly
used arithmetic functions and theirs improve-
ment are shown in table below. Improvement
was computed as {M68HC04 clock periods}
divided by {DF6805 clock periods} required to
execute an identical function. More details are
available in core documentation
Function
Improve-
ment
8-bit addition (immediate data)
4
8-bit addition (direct addressing)
4
8-bit addition (indirect addressing)
3,6
8-bit subtraction (immediate data)
4
8-bit subtraction (direct addressing)
4
8-bit subtraction (indirect addressing)
3,6
16-bit addition (immediate data)
4
16-bit addition (direct addressing)
4
16-bit addition (indirect addressing
3,6
16-bit subtraction (immediate data)
4
16-bit subtraction (direct addressing)
4
16-bit subtraction (indirect addressing
3,6
Multiplication
5
Division
5
DF68XX FAM I LY O V ERVI EW
The main features of each DF68XX family member have been summarized in table below. It gives
a briefly member characterization helping user to select the most suitable IP Core for its application.
User can specify its own peripheral set (including listed below and the others) and requests the core
modifications.
Design
DF6805
64k
64k
-
7
7
-
-
*
2/2*
1*
*
4
+
*
-
6 700
DF6808
64k
64k
-
7
7
-
-
*
22*
1*
*
4
*
-
8 900
DF6811
64k
16M
-
20
17
1*
*
5/3*
1*
*
4
*
*
*
12 000
DF6811CPU
64k
16M
-
3
3
+
1*
*
+
+
+
+
+
+
+
6 500
DF68XX family of High Performance Microcontroller Cores
+ optional
* configurable



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com