Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6805 Datasheet(PDF) 1 Page - Digital Core Design

Part # DF6805
Description  8-bit FAST Microcontrollers Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6805 Datasheet(HTML) 1 Page - Digital Core Design

  DF6805 Datasheet HTML 1Page - Digital Core Design DF6805 Datasheet HTML 2Page - Digital Core Design DF6805 Datasheet HTML 3Page - Digital Core Design DF6805 Datasheet HTML 4Page - Digital Core Design DF6805 Datasheet HTML 5Page - Digital Core Design DF6805 Datasheet HTML 6Page - Digital Core Design DF6805 Datasheet HTML 7Page - Digital Core Design DF6805 Datasheet HTML 8Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
DF
F6
68
80
05
5
●
●
●
●
●
●
●
●
●
●
8-bit FAST Microcontrollers Family
ver 1.04
OVERVIEW
Document contains brief description of
DF6805 core functionality. The DF6805 is a
advanced 8-bit MCU IP Core with highly so-
phisticated, on chip peripheral capabilities.
DF6805 soft core is binary-compatible with the
industry standard 68HC05 8-bit microcontrol-
ler and can achieve a performance 45-100
million instructions
per second. There are
two configurations of DF6805: Harvard where
data and program buses are separated, and
von Neumann
with common program and
data bus DF6805 has FAST architecture that
is 4.1 times faster compared to original im-
plementation. Core in standard configuration
has integrated on chip major peripheral func-
tion.
The DF6805 Microcontroller Core contains
full-duplex UART (Asynchronous serial com-
munications interface (SCI), and can also be
equipped with the Synchronous Serial Periph-
eral Interface SPI.
The main 16-bit, free-running timer system
has implemented two input capture lines and
two output-compare lines.
Self-monitoring circuitry is included on-chip to
protect against system errors. A computer
operating properly (COP) watchdog system
protects against software failures. An illegal
opcode detection circuit provides a non-
maskable interrupt if illegal opcode is de-
tected.
Two software-controlled power-saving modes,
WAIT and STOP, are available to conserve
additional power. These modes make the
DF6805 IP Core especially attractive for
automotive and battery-driven applications.
DF6805 is fully customizable, which means
it is delivered in the exact configuration to
meet users requirements. There is no need to
pay extra for not used features and wasted
silicon.
It includes fully automated testbench
with complete set of tests allowing easy
package validation at each stage of SoC de-
sign flow.
CPU FEATURES
FAST architecture, 4.1 times faster than
the original implementation
Software compatible with industry standard
68HC05
Configurable Harvard or Von Neumann
architectures
64 bytes of System Function Registers
space (SFRs)
Up to 64k bytes of Program Memory
Up to 64k bytes of Data Memory
De-multiplexed Address/Data Bus to allow
easy connection to memory
Two power saving modes: STOP, WAI
Ready pin allows Core to operate with slow
program and data memories
Fully synthesizable, static synchronous
design with no internal tri-states


Similar Part No. - DF6805

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
More results

Similar Description - DF6805

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Digital Core Design
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com