Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP2INT Datasheet(PDF) 3 Page - Digital Core Design

Part # DFP2INT
Description  Floating Point To Integer Pipelined Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFP2INT Datasheet(HTML) 3 Page - Digital Core Design

  DFP2INT Datasheet HTML 1Page - Digital Core Design DFP2INT Datasheet HTML 2Page - Digital Core Design DFP2INT Datasheet HTML 3Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PERFORMANCE
The following table gives a survey about the
Core area and performance in the ALTERA®
devices after Place & Route :
Device
Speed
grade
Logic Cells
Fmax
FLEX10KE
-1
335
67 MHz
ACEX1K
-1
335
71 MHz
APEX20K
-1
295
69 MHz
APEX20KE
-1
295
67 MHz
APEX20KC
-7
295
88 MHz
APEX-II
-7
295
114 MHz
MERCURY
-5
270
208 MHz
STRATIX
-5
245
184 MHz
CYCLONE
-6
245
165 MHz
STRATIX-II
-3
185
214 MHz
CYCLONE-II
-6
265
133 MHz
Core performance in ALTERA® devices
CONTACTS
For any modification or special request
please contact to Digital Core Design or local
distributors.
Headquarters:
Wroclawska 94
41-902 Bytom, POLAND
e-mail:
info@dcd.pl
iinnffoo@
@ddccdd..ppll
tel.
:
+48 32 282 82 66
fax
:
+48 32 282 74 37
Distributors:
Please check http://www.dcd.pl/apartn.php
hhttttpp::////w
ww
ww
w..ddccdd..ppll//aappaarrttnn..pphhpp



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com