Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP2INT Datasheet(PDF) 1 Page - Digital Core Design

Part # DFP2INT
Description  Floating Point To Integer Pipelined Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DFP2INT Datasheet(HTML) 1 Page - Digital Core Design

  DFP2INT Datasheet HTML 1Page - Digital Core Design DFP2INT Datasheet HTML 2Page - Digital Core Design DFP2INT Datasheet HTML 3Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
VERILOG Source Code or/and
D
DF
FP
P2
2IIN
NT
T
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
♦
◊
◊
◊
♦
◊
◊
◊
◊
♦
◊
◊
◊
♦
♦
♦
◊
◊
Floating Point To Integer Pipelined Converter
ver 2.20
OVERVIEW
The DFP2INT is the pipelined floating point
to integer converter. The input and output
numbers format is according to IEEE-754
standard. DFP2INT supports single precision
real numbers and double word integers (4
Bytes). Convert operation is pipelined to 2
levels. Input data are fed every clock cycle.
The first result appears after latency equal to
2 clock periods and next results are available
each clock
cycle. Full precision and accu-
racy are accomplished.
APPLI C ATION
Math coprocessors
DSP algorithms
Embedded arithmetic coprocessor
Data processing & control
KEY FEATURES
Full IEEE-754 compliance
Single precision real input numbers
Double word output numbers(4 Bytes)
Simple interface
No programming required
2 levels pipelining
Full accuracy and precision
Results available at every clock
Overflow, underflow and invalid operation
flags
Fully configurable
Fully synthesizable, static synchronous
design with no internal tri-states
DELIVERABLES
Source code:
VHDL Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation mac-
ros
NCSim automatic simulation macros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
●
Delivery the IP Core updates, minor
and major versions changes
●
Delivery the documentation updates
●
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of
IP Core easy and simply.
Single Design
license allows using IP Core in
single FPGA bitstream and ASIC implemen-
tation. It also permits FPGA prototyping be-
fore ASIC production.


Similar Part No. - DFP2INT

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
DFP201610TF TAI-TECH-DFP201610TF Datasheet
104Kb / 1P
Power Inductor
DFP201610TF-1R0M TAI-TECH-DFP201610TF-1R0M Datasheet
104Kb / 1P
Power Inductor
DFP201610TF-1R5M TAI-TECH-DFP201610TF-1R5M Datasheet
104Kb / 1P
Power Inductor
DFP201610TF-2R2M TAI-TECH-DFP201610TF-2R2M Datasheet
104Kb / 1P
Power Inductor
DFP201610TF-R24M TAI-TECH-DFP201610TF-R24M Datasheet
104Kb / 1P
Power Inductor
More results

Similar Description - DFP2INT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
HCMOS Floating-Point Coprocessor
logo
Digital Core Design
DFPADD DCD-DFPADD Datasheet
111Kb / 3P
Floating Point Pipelined Adder Unit
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
Floating Point Arithmetic Coprocessor
DFPCOMP DCD-DFPCOMP Datasheet
120Kb / 3P
Floating Point Comparator Unit
DFPDIV DCD-DFPDIV Datasheet
120Kb / 3P
Floating Point Pipelined Divider Unit
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
Floating Point Coprocessor
DFPMUL DCD-DFPMUL Datasheet
121Kb / 3P
Floating Point Pipelined Multiplier Unit
DFPSQRT DCD-DFPSQRT Datasheet
128Kb / 3P
Floating Point Pipelined Square Root Unit
DINT2FP DCD-DINT2FP Datasheet
113Kb / 2P
Integer to Floating Point Pipelined Converter
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
Fixed/Floating-Point DSP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com